Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 66 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 66 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 62Page - Texas Instruments AFEX8201 Datasheet HTML 63Page - Texas Instruments AFEX8201 Datasheet HTML 64Page - Texas Instruments AFEX8201 Datasheet HTML 65Page - Texas Instruments AFEX8201 Datasheet HTML 66Page - Texas Instruments AFEX8201 Datasheet HTML 67Page - Texas Instruments AFEX8201 Datasheet HTML 68Page - Texas Instruments AFEX8201 Datasheet HTML 69Page - Texas Instruments AFEX8201 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 95 page
background image
7.6.1.22 GPIO_CFG Register (Offset = 1Bh) [Reset = 00FFh]
Return to the Register Map.
Table 7-34. GPIO CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R
0h
14-8
EN
R/W
00h
GPIO per Pin Enable. (See Table 7-8 for additional configuration
required specific to each pin and communication mode)
[14] = GPIO6
[13] = GPIO5
[12] = GPIO4
[11] = GPIO3
[10] = GPIO2
[9] = GPIO1
[8] = GPIO0
0h = GPIO function disable
1h = GPIO function enabled
For any pin used either for the communication function or not used
as an active GPIO, set this bit to 0h.
7
RESERVED
R
0h
6-0
ODE
R/W
FFh
Pseudo Open Drain Enable
GPIO output enable and pseudo open drain functionality on the
GPIO pins. (See Table 7-8 for additional configuration required
specific to each pin and communication mode.)
[6] = GPIO6
[5] = GPIO5
[4] = GPIO4
[3] = GPIO3
[2] = GPIO2
[1] = GPIO1
[0] = GPIO0
0h = Push-pull output enabled
1h = Pseudo open-drain output enabled
7.6.1.23 GPIO Register (Offset = 1Ch) [Reset = 007Fh]
Return to the Register Map.
Table 7-35. GPIO Register Field Descriptions
Bit
Field
Type
Reset
Description
15-7
RESERVED
R
0h
6-0
DATA
R/W
7Fh
GPIO pin data.
For GPIO input this bit must be written as 1 and GPIO_CFG.ODE
= 1 and GPIO_CFG.EN = 1. Reading this register reads the pin
value when the pin is correctly enabled. (See Table 7-8 for additional
configuration required specific to each pin and communication mode)
For GPIO output this bit sets the pin value.
[6] = GPIO6
[5] = GPIO5
[4] = GPIO4
[3] = GPIO3
[2] = GPIO2
[1] = GPIO1
[0] = GPIO0
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
66
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com