Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 71 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 67Page - Texas Instruments AFEX8201 Datasheet HTML 68Page - Texas Instruments AFEX8201 Datasheet HTML 69Page - Texas Instruments AFEX8201 Datasheet HTML 70Page - Texas Instruments AFEX8201 Datasheet HTML 71Page - Texas Instruments AFEX8201 Datasheet HTML 72Page - Texas Instruments AFEX8201 Datasheet HTML 73Page - Texas Instruments AFEX8201 Datasheet HTML 74Page - Texas Instruments AFEX8201 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
7.6.1.28 ADC_FLAGS Register (Offset = 23h) [Reset = 0000h]
Return to the Register Map.
The limits for Self Diagnostic (SD) Alarm ADC Thresholds are shown in Table 7-5.
Table 7-40. ADC_FLAGS Register Field Descriptions
Bit
Field
Type
Reset
Description
15-9
RESERVED
R
0h
8
SD4_FAIL
R
0h
SD4 (VOUT) Limit Fail
7
SD3_FAIL
R
0h
SD3 (ZTAT) Limit Fail
6
SD2_FAIL
R
0h
SD2 (VDD) Limit Fail
5
SD1_FAIL
R
0h
SD1 (PVDD) Limit Fail
4
SD0_FAIL
R
0h
SD0 (VREF) Limit Fail
3
TEMP_FAIL
R
0h
TEMP Limit Fail
2
AIN1_FAIL
R
0h
AIN1 Limit Fail
1
AIN0_FAIL
R
0h
AIN0 Limit Fail
0
RESERVED
R
0h
7.6.1.29 ADC_AIN0 Register (Offset = 24h) [Reset = 0000h]
Return to the Register Map.
Table 7-41. ADC_AIN0 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
0h
11-0
DATA
R
0h
Converted Value of Voltage on Pin AIN0
7.6.1.30 ADC_AIN1 Register (Offset = 25h) [Reset = 0000h]
Return to the Register Map.
Table 7-42. ADC_AIN1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
0h
11-0
DATA
R
0h
Converted Value of Voltage on Pin AIN1
7.6.1.31 ADC_TEMP Register (Offset = 26h) [Reset = 0000h]
Return to the Register Map.
Table 7-43. ADC_TEMP Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
0h
11-0
DATA
R
0h
Converted Value of Temperature
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com