Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 75 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 75 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 71Page - Texas Instruments AFEX8201 Datasheet HTML 72Page - Texas Instruments AFEX8201 Datasheet HTML 73Page - Texas Instruments AFEX8201 Datasheet HTML 74Page - Texas Instruments AFEX8201 Datasheet HTML 75Page - Texas Instruments AFEX8201 Datasheet HTML 76Page - Texas Instruments AFEX8201 Datasheet HTML 77Page - Texas Instruments AFEX8201 Datasheet HTML 78Page - Texas Instruments AFEX8201 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 95 page
background image
7.6.1.38 TIMER_CFG_0 Register (Offset = 3Bh) [Reset = 0000h]
Return to the Register Map.
TIMER Configuration 0.
Table 7-50. TIMER CONFIG 0 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-4
RESERVED
TO
0h
3-2
CLK_SEL
R/W
0h
Clock Select
Selects the timer clock frequency.
0h = None (default)
1h = 1.2288 MHz
2h = 1.200 kHz
3h = 1.171 Hz
1
INVERT
R/W
0h
Invert Output
Invert the Timer output. By default, the output is set to 1 when the
counter is ≥ SET_TIME (3Dh).
0
ENABLE
R/W
0h
Timer Enable
The CLK_OUT pin must also be configured to output the Timer.
7.6.1.39 TIMER_CFG_1 Register (Offset = 3Ch) [Reset = 0000h]
Return to the Register Map.
TIMER Configuration 1.
Table 7-51. TIMER CONFIG 1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
PERIOD
R/W
0h
This field defines the period of the timer. The period is the product
of (PERIOD + 1) and the clock period of CLK_SEL. For example,
CLK_SEL = 2h (1200 Hz), The period is (PERIOD + 1) × 853 ms.
7.6.1.40 TIMER_CFG_2 Register (Offset = 3Dh) [Reset = 0000h]
Return to the Register Map.
TIMER Configuration 2.
Table 7-52. TIMER CONFIG 2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
SET_TIME
R/W
0h
The SET_TIME determine when the output of the timer goes
high. The bits define the duty cycle of the timer (PERIOD –
SET_TIME). The timer starts out as 0 and transitions to 1 when the
SET_TIME is met. The polarity of the timer can be inverted using the
TIMER_CFG_0.INVERT bit.
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com