Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 51 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 51 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 47Page - Texas Instruments AFEX8201 Datasheet HTML 48Page - Texas Instruments AFEX8201 Datasheet HTML 49Page - Texas Instruments AFEX8201 Datasheet HTML 50Page - Texas Instruments AFEX8201 Datasheet HTML 51Page - Texas Instruments AFEX8201 Datasheet HTML 52Page - Texas Instruments AFEX8201 Datasheet HTML 53Page - Texas Instruments AFEX8201 Datasheet HTML 54Page - Texas Instruments AFEX8201 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 95 page
background image
the ALARM_STATUS register. Read the GEN_STATUS or ALARM_STATUS registers to clear any sticky bits that
are set.
The sticky status bits are cleared at the start of the readback frame and are latched again at the end of the
readback frame. Therefore, if the fault condition previously reported in the status register is no longer present
at the end of the readback frame, and the data are received by the microcontroller with the CRC error, the fault
information is lost. If a robust monitoring of the status bits is required in a noisy environment, use the IRQ pin
in combination with the status mask bits to find out the status of each fault before clearing the status bits. Set
the CONFIG.IRQ_LVL bit to monitor the signal level on the IRQ pin, and unmask each status bit one at a time to
retrieve the information from the status registers.
7.5.3.4 Synchronization
The AFEx8201 register map runs on the internal clock domain. Both the SPI and UBM packets are synchronized
to this domain. This synchronization adds a latency of 0.4 µs to 1.22 µs (1.5 internal clocks), with respect to the
rising edge of CS or the STOP bit of the last byte of the UBM packet.
The effect of clock synchronization on UBM communication is not evident because of the lower speed and
asynchronous nature of UBM communication.
In SPI mode, if changing register bits CONFIG.DSDO, CONFIG.FSDO, or CONFIG.CRC_EN, keep CS high for
at least two clock cycles before issuing the next frame. Frame data corruption can occur if the two extra cycles
are not used. The following are examples of frame corruption:
• Setting CONFIG.DSDO = 0: SDO begins to drive in the middle of the next frame.
• Changing CONFIG.FSDO: The launching edge of SDO changes in the middle of the next frame.
• Setting CONFIG.CRC_EN = 1: The next frame has a CRC error because the CRC is enabled in the middle of
the frame.
Send a NOP command (SDI = 0x00_0000) after setting the DSDO, FSDO, and CRC_EN bits to prevent the
corrupted frames from impacting communication. Sending a NOP after CONFIG.CRC_EN is set still generates
a CRC error, and is reported in the STATUS portion of SDO. To avoid false errors, wait approximately 2 µs after
setting CONFIG.CRC_EN before sending the next frame.
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com