Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 42 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 42 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 38Page - Texas Instruments AFEX8201 Datasheet HTML 39Page - Texas Instruments AFEX8201 Datasheet HTML 40Page - Texas Instruments AFEX8201 Datasheet HTML 41Page - Texas Instruments AFEX8201 Datasheet HTML 42Page - Texas Instruments AFEX8201 Datasheet HTML 43Page - Texas Instruments AFEX8201 Datasheet HTML 44Page - Texas Instruments AFEX8201 Datasheet HTML 45Page - Texas Instruments AFEX8201 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 95 page
background image
7.3.10 Timer
The AFEx8201 have an integrated timer for generating accurate time delays, pulse width modulation or
oscillation. The devices have the ability to have timing parameters from the microseconds range to hours. The
timer is brought out on the CLK_OUT pin by setting CONFIG.CLKO = Fh. The timer is controlled with three
registers; TIMER_CFG_0, TIMER_CFG_1, and TIMER_CFG_2.
In the first of the three registers, TIMER_CFG_0.ENABLE turns the timer function on and off. If the timer is off,
then the output defaults to 0. TIMER_CFG_0.INVERT inverts the output of the timer. If the INVERT bit is set,
the output defaults to 1. TIMER_CFG_0.CLK_SEL selects the clock frequency according to Table 7-6. If 2'b00 is
selected, and no clock is applied, then the timer pauses if the timer has previously been enabled and counting.
Table 7-6. Timer Select Range
CLK_SEL
Clock Frequency
Resolution
Range
00
No clock
-
-
01
1.2288 MHz
814 ns
53.3 ms
10
1.200 kHz
833 μs
54.6 s
11
1.171 Hz
853 ms
55,923 s
The second timer register, TIMER_CFG_1.PERIOD sets the period of the timer. The period of the timer is
PERIOD + 1 cycles of the clock period.
The last timer register, TIMER_CFG_2.SET_TIME determines when the timer output goes to 1 (INVERT = 0).
This effectively defines the duty cycle of the timer. The duty cycle can be calculated as (PERIOD – SET_TIME) ×
clock period.
7.3.11 Unique Chip Identifier (ID)
AFEx8201 include two read only registers: CHIP_ID_MSB (1Ah) and CHIP_ID_LSB (19h) where unique
chip ID is stored. The 16-bit CHIP_ID_MSB register stores the encoded lot identification number while the
CHIP_ID_LSB register stores the unique part number within each lot.
7.3.12 Scratch Pad Register
AFEx8201 feature a 16-bit Scratch Pad register to enable interface debug and verification without affecting the
part functionality. This register is located at the address 18h. The readback value of the Scratch Pad register is
the inverted code of the value stored in the register (for example, writing 0xAAAA results in 0x5555 while reading
back ).
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
42
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com