Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 80 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 76Page - Texas Instruments AFEX8201 Datasheet HTML 77Page - Texas Instruments AFEX8201 Datasheet HTML 78Page - Texas Instruments AFEX8201 Datasheet HTML 79Page - Texas Instruments AFEX8201 Datasheet HTML 80Page - Texas Instruments AFEX8201 Datasheet HTML 81Page - Texas Instruments AFEX8201 Datasheet HTML 82Page - Texas Instruments AFEX8201 Datasheet HTML 83Page - Texas Instruments AFEX8201 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 95 page
background image
8.2.1.2.1 XTR305
The XTR305 is a complete output driver for cost-sensitive industrial and process-control applications. Use the
M2 pin to configure the application for current or voltage output, No external shunt resistor is required. Only
external gain-setting resistors and a loop-compensation capacitor are required.
The separate driver and receiver channels provide flexibility. The instrumentation amplifier can be used for
remote voltage sensing or as a high-voltage, high-impedance measurement channel. In voltage-output mode,
a copy of the output current is provided, allowing calculation of load resistance. The digital-output selection
capability, error flags, and monitor pins make remote configuration and troubleshooting possible. Fault conditions
on the output and on the IA input, as well as overtemperature conditions, are indicated by error flags. The
monitoring pins provide continuous feedback about load power or impedance.
8.2.1.2.1.1 Current-Output Mode
In the current-output mode, a 0-V to 2.5-V control input is converted to a ±25-mA current output. As the input is
unipolar, and the output is bipolar, a reference bias voltage (VREF) is required on the input stage of the XTR305.
The bias voltage of 1.25 V is taken from a buffered VREFIO output from the AFE88201. Figure 8-4 shows the
configuration of the XTR305 in current-output mode.
IA
Current Copy
Digital
Control
Error
Flags
ROS
RSET
OPA
XTR305
Input Signal
VIN = 0 V to 2.5V
CC
GND
GND
VREF = 1.25V
IOUT
IMON
VIN
SET
IAOUT
OD
M1
M2
EFCM
EFLD
EFOT
DGND
RG2
RG1
IAIN-
IAIN+
DRV
ICOPY
IDRV
IIA
V+
V-
H
L
H
Figure 8-4. The XTR305 Standard Circuit for Current Output
For current-output mode, OD is set high, M1 is set low, and M2 is set high. The normal transfer function for this
circuit is given in Equation 10.
IOUT=10× VINRSET+VIN–VREF
ROS
(10)
However, with the RSET resistor as an open circuit, the singular VIN term drops out. Using Equation 10, the ROS
term sets the output. The transconductance gain is set by ROS according to Equation 11.
ROS= 10IoutFSR×VinFSR= 1050mA×2.5V=500Ω
(11)
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
80
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com