Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 78 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 78 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 74Page - Texas Instruments AFEX8201 Datasheet HTML 75Page - Texas Instruments AFEX8201 Datasheet HTML 76Page - Texas Instruments AFEX8201 Datasheet HTML 77Page - Texas Instruments AFEX8201 Datasheet HTML 78Page - Texas Instruments AFEX8201 Datasheet HTML 79Page - Texas Instruments AFEX8201 Datasheet HTML 80Page - Texas Instruments AFEX8201 Datasheet HTML 81Page - Texas Instruments AFEX8201 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 95 page
background image
8.2 Typical Application
8.2.1 Analog Output Module
100 nF
100 nF
10 μF
GND
GND
GND
3V3
GPIO5/SDI
GPIO4/SDO
SCLK
GPIO2/UARTOUT
GPIO3/UARTIN
GPIO1
AIN0
POL_SEL/AIN1
NC
VREFIO
GPIO0/CLK_OUT
GND
REF_GND
3V3
GND
GND
680 pF
GND
GND
ROS
499
GND
AFE88201
100 nF
GND
TLV333
GND
VDD
GND
0.1 μF
GND
VREFIO
ALARM
100 k
680 pF
AIN0
POL_SEL/
AIN1
VOUT
DAC_OUT
SCLK
CS
PICO
POCI
RESET
RESET
GPIO6/CS
+
–
VREFIO
XTR305
V+
VIN
SET
IMON
M1
NC
M2
IAOUT
OD
NC
XTR_M2
XTR_OD
1 k
1 k
1 k
DAC_OUT
0.1 μF
GND
47 nF
DRV
RG2
RG1
IAIN+
DGND
PAD
EFCM
IAIN-
EFLD
V-
15
8.87 k
0.1 μF
2.2 k
2.2 k
+15V
–15V
0.1 μF
V/I OUTPUT
0.1 μF
–15V
EFOT
EFCM
EFLD
EFOT
10 k
10 k
10 k
3V3
GND
GND
GND
GND
GND
GND
GND
GND
1 M
GND
GND
SCLR
+15V
RSET
GND
GPIO1
XTR_M2
XTR_OD
3V3
IOVDD
PVDD
REF_EN
VDD
5
13
12
17
19
6
9
10
7
8
1
2
4
3
15
16
18
21
22
23
11
24
14
20
4
5
15
3
6
2
12
20
1
14
17
16
19
18
21
9
8
13
10
7
11
Figure 8-2. AFE88201 With an XTR305 in an Analog Output Module
This design example shows the construction of an analog output module capable of current and voltage outputs for a programmable logic controller
(PLC). This example combines several circuit elements to create a subsystem that can support most analog output applications. This appliction requires
supplies of 3.3 V and ±15 V. The circuit output sets a precision voltage or current with an accuracy of less than 0.1% full scale range (FSR) of total error
at room temperature after calibration. The high integration in the system allows for a compact circuit, making this device an excellent choice for analog
outputs for ac inverters and servo drives where space is a concern. Error flags and output load monitoring capability enable a robust design. Figure 8-2
shows the schematic diagram for the analog output module.
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
78
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com