Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 43 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 43 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 39Page - Texas Instruments AFEX8201 Datasheet HTML 40Page - Texas Instruments AFEX8201 Datasheet HTML 41Page - Texas Instruments AFEX8201 Datasheet HTML 42Page - Texas Instruments AFEX8201 Datasheet HTML 43Page - Texas Instruments AFEX8201 Datasheet HTML 44Page - Texas Instruments AFEX8201 Datasheet HTML 45Page - Texas Instruments AFEX8201 Datasheet HTML 46Page - Texas Instruments AFEX8201 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
7.4 Device Functional Modes
7.4.1 Register Built-In Self-Test (RBIST)
The AFEx8201 feature a register built-in self-test (RBIST) that runs on all the registers listed in Table 7-7 through
a CRC calculation in the order the registers are listed in Table 7-7. If the final CRC value is zero, then no error
is present in the configuration of the registers. If a non-zero value is present at the end of the calculation, then
there is a configuration error. The polynomial used has a Hamming distance (HD) of 4 for data packets up to
2048 bits. With HD = 4, the CRC detects any combination of 4-bit errors within the stored data. Independently
calculate the expected CRC polynomial and store the output in the RBIST_CRC register at 3Fh.
The final value of the CRC is read in the CRC_RD register at address 3Eh. This value is updated while either
an RBIST or shadow load is running. Both the RBIST and OTP memory use the same CRC calculation engine
and polynomial. The value in the CRC_RD register remains constant until another RBIST or SHADOWLOAD in
TRIGGER register (0Ah) is triggered.
Set TRIGGER.RBIST to 1 to initiate an RBIST. The TRIGGER.RBIST bit stays high as long as the RBIST is
running and clears when the self-test is complete. While the RBIST is running, the registers cannot be written to
or read. Send NOP commands and monitor the RBIST SDO status bit to determine if the RBIST has completed.
In UBM, the RBIST does not interfere with register communication. UBM communication is slow enough that the
RBIST completes before any following read or write command.
Set the GEN_STATUS.RBIST_MODE bit to 1 to enable the RBIST. This bit is sticky until the GEN_STATUS
register is read.
The 16-bit CRC used to generate the RBIST is the openSAFETY (0x755B) with the following polynomial:
x16 + x14 + x13 + x12 + x10 + x8 + x6 + x4 + x3 + x1 + 1.
The list of registers covered by the RBIST is listed in Table 7-7. Not all registers feature the RBIST.
Table 7-7. List of Registers Covered by RBIST
ADDR
(HEX)
REGISTER
RESET
(HEX)
01h
DAC_DATA
0000h
02h
CONFIG
0036h
03h
DAC_CFG
0B00h
04h
DAC_GAIN
8000h
05h
DAC_OFFSET
0000h
06h
DAC_CLR_CODE
0000h
08h
ADC_CFG
8810h
09h
ADC_INDEX_CFG
0080h
0Bh
SPECIAL_CFG
0000h
0Dh
RESERVED
0100h
10h
ALARM_ACT
8020h
11h
WDT
0018h
12h
AIN0_THRESHOLD
FF00h
13h
AIN1_THRESHOLD
FF00h
14h
TEMP_THRESHOLD
FF00h
1Bh
GPIO_CFG
00FFh
1Dh
ALARM_STATUS_MASK
EFDFh
1Eh
GEN_STATUS_MASK
FFFFh
3Fh
RBIST_CRC
0000h
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com