Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 41 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 41 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 37Page - Texas Instruments AFEX8201 Datasheet HTML 38Page - Texas Instruments AFEX8201 Datasheet HTML 39Page - Texas Instruments AFEX8201 Datasheet HTML 40Page - Texas Instruments AFEX8201 Datasheet HTML 41Page - Texas Instruments AFEX8201 Datasheet HTML 42Page - Texas Instruments AFEX8201 Datasheet HTML 43Page - Texas Instruments AFEX8201 Datasheet HTML 44Page - Texas Instruments AFEX8201 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 95 page
background image
The internal reference circuit is enabled or disabled by using the REF_EN pin. A logic high on this pin enables
the internal reference, and the VREFIO pin outputs 1.25 V. A logic low on this pin disables the internal reference,
and the device expects to have 1.25 V from external VREF at the VREFIO pin.
An invalid reference voltage asserts an alarm condition. The DAC response depends on the VREF_FLT setting
in the ALARM_ACT register (10h).
7.3.6 Integrated Precision Oscillator
The internal time base of the device is provided by an internal oscillator that is trimmed to less than 0.5%
tolerance at room temperature. The precision oscillator is the timing source for ADC conversions. At power up,
the internal oscillator and ADC take roughly 300 µs to reach < 1% error stability. After the clock stabilizes, the
ADC data output is accurate to the electrical specifications provided in Section 6.
7.3.7 Precision Oscillator Diagnostics
The AFEx8201 features two methods to continuously detect the functional status of the internal precision
oscillator.
The first method requires a connection from the AFEx8201 to the system controller. To use the first method,
program the AFEx8201 to output a subdivided internal oscillator clock signal on the CLK_OUT pin. Write to the
CONFIG.CLKO register field (see Table 7-15) to enable the output with the chosen divider or to disable the
output. The output digital signal is compliant to the Section 6.5. The CLK_OUT pin is also a shared GPIO pin.
For details on connecting CLK_OUT and CLK_OUT interoperability as a GPIO pin , see Section 7.5.1.
The second method does not require a connection from the AFEx8201 and is a polled-communication-based
method to determine the functionality of the internal oscillator using SPI communication. See Section 7.5.3.1
and Section 7.5.5 for SPI communication details and SDO status bits details, respectively. The OSC_DIV_2 bit
reports the logical value of a subdivided internal oscillator signal (divided by 2) sampled at the CS falling edge.
Use an appropriate SCLK frequency and interval between SPI frames to capture bit changes from frame to
frame as a method of verifying the continued proper operation of the clock. Similar status reports of the logical
value of a subdivided internal oscillator signal (divided by 1024) are available in UBM as the OSC_DIV_1024 bit.
For details on UBM frames and timing, see Section 7.5.4.1.
7.3.8 One-Time Programmable (OTP) Memory
One-time programmable (OTP) memory in the device is used to store the device trim settings and is not
accessible to users. The OTP memory data are loaded to the memory (OTP shadow load) at power up.
The OTP memory CRC is performed to verify the correct data are loaded. The TRIGGER.SHADOWLOAD
bit is available to initiate a reload of the OTP memory data if a CRC error is detected. The
SPECIAL_CFG.OTP_LOAD_SW_RST bit controls whether the OTP memory data are reloaded with a software
reset.
7.3.9 GPIO
AFEx8201 feature multiple GPIO pins, each independently configurable in either input only or output only or
input-ouput mode through GPIO_CFG and GPIO registers. Select either push-pull or pseudo open drain sub
modes supported when the GPIO is in output mode. No dedicated GPIO pins are present since the same pins
are also configurable for communication interfaces. Based on the selection of the interface protocol and how
many pins are used for communication purposes, the AFEx8201 have up to four available GPIOs. Refer to
Section 7.5.1 for detailed diagrams of available GPIOs in each communication mode. If a GPIO pin is unused
or undriven, the pin must be tied resistively to either IOVDD or GND according to the connection diagrams in
Section 7.5.1. Unconnected floating input pins lead to unknown states for the communication interfaces and
varying supply currents for the AFEx8201. When functioning as an output, each GPIO pin is capable of sourcing
and sinking current and when functioning as an input the register address 0x1C reflects the digital state of the
GPIO pins (for details of source and sink capabilities and input thresholds, see Section 6.5). The minimum pulse
width for transition detection is tPULSE_GPIO. When a state transition occurs on a GPIO input, the new state must
be held for a minimum of tPULSE_GPIO for detection by the AFEx8201.
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com