Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 50 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 50 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 46Page - Texas Instruments AFEX8201 Datasheet HTML 47Page - Texas Instruments AFEX8201 Datasheet HTML 48Page - Texas Instruments AFEX8201 Datasheet HTML 49Page - Texas Instruments AFEX8201 Datasheet HTML 50Page - Texas Instruments AFEX8201 Datasheet HTML 51Page - Texas Instruments AFEX8201 Datasheet HTML 52Page - Texas Instruments AFEX8201 Datasheet HTML 53Page - Texas Instruments AFEX8201 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 95 page
background image
the rising edge of CS. To start another serial transfer, bring CS low again. When CS is high, the SCLK and SDI
signals are blocked and the SDO pin is high impedance.
7.5.3.2 SPI Read and Write
The SDI input bit is latched on the SCLK falling edge. The SDI pin receives right-justified data. At the rising edge
of CS, the right-most (last) bits are evaluated as a frame. Extra clock cycles (exceeding frame length) during the
frame begin to output on SDO the SDI data delayed by one frame length.
A read operation is started when R/W bit is 1. The data word input for SDI is ignored in the read command
frame. Send the subsequent read or write command frame into SDI to clock out the data of the addressed
register on SDO. If no other read or write commands are needed, then issue a NOP command to retrieve the
requested data. The read register value is output most significant bit first on SDO on successive edges (rising or
falling based on CONFIG.FSDO setting) of SCLK.
A write operation starts when R/W bit is 0. The SDO output to a write command, delivered in the next frame,
contains status bits, data described in Table 7-9, and if the CRC is enabled, an 8-bit CRC for the output frame.
Table 7-9. Command Functions
COMMAND BIT
SDI INPUT DATA WORD
SDO RESPONSE DATA WORD(1)
Write (R/W = 0)
Data to be written (16b)
0x0000
Read (R/W = 1)
Ignored(2)
Register output data (16b)
(1)
Response data portion in next frame output.
(2)
The input bits are included in the calculation for CRC, if enabled (see Section 7.5.3.3).
Valid SDO output is driven only when CS = 0 and CONFIG.DSDO = 0; otherwise, the SDO pin remains Hi-Z to
save power. The SDO data bits are left-justified within the frame, meaning the most significant bit is produced on
the line (subject to timing details) when CS is asserted low (bit is driven by falling edge of CS). The subsequent
bits in the frame are driven by the rising SCLK edge when CONFIG.FSDO = 0 (default). To drive the SDO data
on the falling edge of SCLK, set CONFIG.FSDO = 1. This setting effectively gives the SDO data an additional ½
clock period for setup time, but at the expense of hold time.
The frame output on SDO contains the command bit of the input that generated the frame (previous input frame),
followed by seven status bits (see Figure 7-19). When an input frame CRC error is detected, the status bit
CRC_ERR = 1. If there is no input frame CRC error, then CRC_ERR = 0. See Table 7-10 for details.
7.5.3.3 Frame Error Checking
If the AFEx8201 are used in a noisy environment, use the CRC to check the integrity of the SPI data
communication between the device and the system controller. This feature is enabled by default and is controlled
by the CONFIG.CRC_EN bit. If the CRC is not required in the system, disable frame error checking through the
CRC_EN bit, and switch from the default 32-bit frame to the 24-bit frame.
Frame error checking is based on the CRC-8-ATM (HEC) polynomial: x8 + x2 + x + 1 (9'b100000111).
For the output register readback, the AFEx8201 supply the calculated 8-bit CRC for the 24 bits of data provided,
as part of the 32-bit frame.
The AFEx8201 decodes 24-bits of the input frame data and the 8-bit CRC to compute the CRC remainder. If no
error exists in the frame, the CRC remainder is zero. When the remainder is nonzero (that is, the input frame has
single-bit or multiple-bit errors) the ALARM_STATUS.CRC_ERR_CNT bits are incremented. A bad CRC value
prevents execution of commands to the device.
When the CRC error counter reaches the limit programmed in CONFIG.CRC_ERR_CNT, the CRC_FLT status
bit is set in the ALARM_STATUS register. The fault is reported (as long as the corresponding mask is not set)
as an ALARM_IRQ on SDO during the next frame. The ALARM pin asserts low if enabled by the alarm action
configuration (see Section 7.3.3.2).
The CRC_ERR status bit (see Figure 7-19) in the SDO frame is not sticky and is only reported for the
previous frame. The ALARM_STATUS.CRC_FLT bit is sticky and is only cleared after a successful read of
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
50
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com