Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 63 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 59Page - Texas Instruments AFEX8201 Datasheet HTML 60Page - Texas Instruments AFEX8201 Datasheet HTML 61Page - Texas Instruments AFEX8201 Datasheet HTML 62Page - Texas Instruments AFEX8201 Datasheet HTML 63Page - Texas Instruments AFEX8201 Datasheet HTML 64Page - Texas Instruments AFEX8201 Datasheet HTML 65Page - Texas Instruments AFEX8201 Datasheet HTML 66Page - Texas Instruments AFEX8201 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 95 page
background image
7.6.1.13 ALARM_ACT Register (Offset = 10h) [Reset = 8020h]
Return to the Register Map.
Table 7-25. ALARM_ACT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-14 SD_FLT
R/W
2h
Self-Diagnostic Fault Action
These bits set the device action after a self-diagnostic fault.
0h = No Action
1h = Set DAC to CLEAR state
2h = Switch to alarm voltage determined by ALMV_POL (default)
3h = Place DAC into Hi-Z (power-down)
13-12 TEMP_FLT
R/W
0h
TEMP Fault Action
These bits set the device action if the ADC temperature is outside the
TEMP_THRESHOLD Hi or Lo thresholds.
0h through 3h = Same as SD_FLT field (default 0h)
11-10 AIN1_FLT
R/W
0h
AIN1 Fault Action
These bits set the device action if the ADC AIN1 channel is outside the
AIN1_THRESHOLD Hi or Lo thresholds.
0h through 3h = Same as SD_FLT field (default 0h)
9-8
AIN0_FLT
R/W
0h
AIN0 Fault Action
These bits set the device action if the ADC AIN0 channel is outside the
AIN0_THRESHOLD Hi or Lo thresholds.
0h through 3h = Same as SD_FLT field (default 0h)
7-6
CRC_WDT_FLT
R/W
0h
CRC and WDT Fault Action
These bits set the device action when a SPI CRC or SPI Watchdog Timeout error occurs.
0h through 3h = Same as SD_FLT field (default 0h)
5-4
VREF_FLT
R/W
2h
VREF Fault Action
These bits set the device action when a fault is detected on VREF.
0h through 3h = Same as SD_FLT field a
3-2
THERM_ERR_FLT
R/W
0h
Thermal Error Fault Action
These bits set the device action when a high temperature error occurs (> 130°C).
0h through 3h = Same as SD_FLT field (default 0h)
1-0
THERM_WARN_FLT R/W
0h
Thermal Warning Fault Action
These bits set the device action when a high temperature warning occurs (> 85°C).
0h through 3h = Same as SD_FLT field (default 0h)
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com