Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 77 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 77 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 73Page - Texas Instruments AFEX8201 Datasheet HTML 74Page - Texas Instruments AFEX8201 Datasheet HTML 75Page - Texas Instruments AFEX8201 Datasheet HTML 76Page - Texas Instruments AFEX8201 Datasheet HTML 77Page - Texas Instruments AFEX8201 Datasheet HTML 78Page - Texas Instruments AFEX8201 Datasheet HTML 79Page - Texas Instruments AFEX8201 Datasheet HTML 80Page - Texas Instruments AFEX8201 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 95 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The AFEx8201 are extremely low-power 16-bit and 14-bit voltage output DACs. The DACs support an output
range of 0 V to 2.5 V. These devices have an onboard oscillator and an optional precision internal reference.
This DAC is designed for analog voltage or current output modules. These devices also feature a SAR ADC that
is used to measure internal and external nodes for making diagnostic measurements with fault detection and
alarm actions. Use these diagnostic measurements together with the CRC and watchdog timer monitoring for
device and system monitoring for functional safety.
The PVDD power supply has an operating range of 2.7 V to 5.5 V. The VDD is powered from an onboard LDO.
Run the digital interface supply, IOVDD, from 1.71 V to 5.5 V.
8.1.1 Multichannel Configuration
Because CS low is required for communication and SDO can be set to a tri-state condition, only individual CS
signals are required from the microcontroller for all the AFEx8201 devices in the system. The SDI, SDO, and
SCLK signals can be combined. All the individual ALARM pins can be wired-OR together. This minimizes the
number of microcontroller GPIO signals required for communication, as well as the number of isolation channels
for isolated systems. The multichannel configuration block diagram is shown in Figure 8-1.
Microcontroller
AFE #1
GPIO1
SCLK
DOUT
DIN
AFE #2
AFE #3
GPIO2
GPIO3
ALARM
CS
SCLK
SDI
SDO
ALARM
CS
SCLK
SDI
SDO
ALARM
CS
SCLK
SDI
SDO
ALARM
Figure 8-1. Multichannel Configuration
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com