Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 79 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 79 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 75Page - Texas Instruments AFEX8201 Datasheet HTML 76Page - Texas Instruments AFEX8201 Datasheet HTML 77Page - Texas Instruments AFEX8201 Datasheet HTML 78Page - Texas Instruments AFEX8201 Datasheet HTML 79Page - Texas Instruments AFEX8201 Datasheet HTML 80Page - Texas Instruments AFEX8201 Datasheet HTML 81Page - Texas Instruments AFEX8201 Datasheet HTML 82Page - Texas Instruments AFEX8201 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 95 page
background image
8.2.1.1 Design Requirements
The design requirements are:
• Bipolar analog output voltage range: ±11 V
• Bipolar analog output current range: –25 mA to 25 mA
• Operation with standard industrial automation supply voltages from 3.3 V and ±15 V
• Current and voltage outputs with TUE less than 0.5% at 25°C after calibration
8.2.1.2 Detailed Design Procedure
Figure 8-3 shows a block diagram of an analog output module using the AFEx8201 and the XTR305.
AFE88201
0 V to 2.5 V
1.25-V
Reference
RGAIN
Microcontroller
RLoad
GND
Current /
Voltage
Output
ROS
RSET
(Unpopulated)
VIN
XTR305
SET
DRV
OD, M2
Set for
Current or
Voltage
Output
GPIO
Figure 8-3. Block Diagram of the Analog Output Module Using the AFEx8201 and XTR305
The AFE88201 sets an output voltage from 0 V to 2.5 V using a 16-bit code. Use the AFE78201 in this same
application if 14-bit performance is required. This DAC voltage is converted to an output voltage or an output
current by the XTR305. The XTR305 provides two basic functional blocks: an instrumentation amplifier (IA) and
an operational amplifier (OPA) for an output driver.
This application is a configurable current or voltage analog output. Figure 8-2 shows a schematic of the circuit.
The AFE88201 DAC controls the XTR305, which is an industrial analog current or voltage output driver. The
XTR305 takes an analog input control signal and drives a proportional analog output. The output is configured as
a current output if M2 is high and M1 is low, and a voltage output if M2 and M1 are both low.
The input-to-output gain of the XTR305 is set by RSET and RGAIN. The gain components in this design are
selected for ±11-V or 0-mA to 25-mA output.
During current-output mode, a precision current mirror generates an exact 1/10th copy of the output current, and
this current is routed to the summing junction of the OPA to close the feedback loop. In voltage-output mode, the
IA senses the output voltage and feeds back a current equal to 2 × VOUT / RGAIN to the summing junction of the
OPA to close the feedback loop.
A basic design procedure using the XTR305 as an output stage is described in the following list.
• Leave RSET open for bipolar output
• Select ROS for current-output transfer function
• Select RGAIN for the voltage-output transfer function
• Select EMC protection components
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com