Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 81 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 81 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 77Page - Texas Instruments AFEX8201 Datasheet HTML 78Page - Texas Instruments AFEX8201 Datasheet HTML 79Page - Texas Instruments AFEX8201 Datasheet HTML 80Page - Texas Instruments AFEX8201 Datasheet HTML 81Page - Texas Instruments AFEX8201 Datasheet HTML 82Page - Texas Instruments AFEX8201 Datasheet HTML 83Page - Texas Instruments AFEX8201 Datasheet HTML 84Page - Texas Instruments AFEX8201 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 95 page
background image
Select ROS = 499 Ω as a standard resistor value. This gives an IoutFSR of 50.1 mA, with an output range of
±25.05 mA. The transfer function is given by Equation 12.
IOUT= 10ROS× Vin–VREF
(12)
Using the AFE88201, the transfer function from code to output current is shown in Equation 13.
IOUT= 10ROS× DAC_CODE×2.5V
216 –1.25V
(13)
When using the current-output mode, the output load voltage can be monitored through an analog output
monitor in the XTR305. See also Section 8.2.1.2.1.3.
8.2.1.2.1.2 Voltage Output Mode
For voltage-output mode, the 0-V to 2.5-V control input is translated to a ±11-V voltage output. Similar to
current-output mode, a unipolar input is used to create a bipolar output. Figure 8-5 shows the configuration of the
XTR305 in voltage-output mode.
IA
Current Copy
Digital
Control
Error
Flags
ROS
RSET
OPA
XTR305
Input Signal
VIN = 0 V to 2.5V
CC
GND
GND
VREF = 1.25V
IMON
VIN
SET
IAOUT
OD
M1
M2
EFCM
EFLD
EFOT
DGND
RG2
RG1
IAIN-
IAIN+
DRV
ICOPY
IDRV
IIA
V+
V-
H
L
L
RIMON
GND
Load
RGAIN
Figure 8-5. The XTR305 Standard Circuit for Voltage Output
For voltage-output mode, OD is set high, while M1 and M2 are set low. The normal transfer function for this
circuit is given in Equation 14.
VOUT=RGAIN2× VINRSET+VIN–VREF
ROS
(14)
Again, with RSET as an open circuit, the singular VIN term drops out. The gain is set by ROS and RGAIN as per
Equation 15.
RGAIN=2×VoutFSR×ROS
VinFSR =2×22×499
2.5 =8782Ω
(15)
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com