Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 48 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 44Page - Texas Instruments AFEX8201 Datasheet HTML 45Page - Texas Instruments AFEX8201 Datasheet HTML 46Page - Texas Instruments AFEX8201 Datasheet HTML 47Page - Texas Instruments AFEX8201 Datasheet HTML 48Page - Texas Instruments AFEX8201 Datasheet HTML 49Page - Texas Instruments AFEX8201 Datasheet HTML 50Page - Texas Instruments AFEX8201 Datasheet HTML 51Page - Texas Instruments AFEX8201 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 95 page
background image
Table 7-8. Pin Configuration in Each Interface Mode
PIN
UBM
SPI
REGISTER CONFIGURATION TO ENABLE
GPIO
(1)
FUNCTION
DIRECTION
FUNCTION
DIRECTION
GPIO6/CS
GPIO
Input/Output
CS
Input
(UBM.REG_MODE = 1)
GPIO5/SDI
CLR/GPIO
Input/Output
SDI
Input
(UBM.REG_MODE = 1) AND
(CONFIG.CLR_PIN_EN = 0)
GPIO4/SDO
IRQ/GPIO
Input/Output
SDO
Output
(UBM.REG_MODE = 1) AND
(CONFIG.IRQ_PIN_EN = 0)
GPIO3/UARTIN
UARTIN
Input
GPIO
Input/Output
(CONFIG.UART_DIS = 1)
GPIO2/UARTOUT
UARTOUT
Output
IRQ/GPIO
Input/Output
(CONFIG.UART_DIS = 1) AND
(CONFIG.IRQ_PIN_EN = 0)
GPIO1
GND
N/A
GPIO
Input/Output
(CONFIG.UART_DIS = 1)
GPIO0/CLK_OUT
CLKO/GPIO
Input/Output
GPIO/CLKO
Input/Output
(CONFIG.CLKO = 0) AND
((UBM.REGMODE = 1) OR
(CONFIG.UART_DIS = 1))
(1)
Required by pin in addition to the corresponding GPIO_CFG.EN bit.
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com