Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 84 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 84 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 80Page - Texas Instruments AFEX8201 Datasheet HTML 81Page - Texas Instruments AFEX8201 Datasheet HTML 82Page - Texas Instruments AFEX8201 Datasheet HTML 83Page - Texas Instruments AFEX8201 Datasheet HTML 84Page - Texas Instruments AFEX8201 Datasheet HTML 85Page - Texas Instruments AFEX8201 Datasheet HTML 86Page - Texas Instruments AFEX8201 Datasheet HTML 87Page - Texas Instruments AFEX8201 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 95 page
background image
8.3 Initialization Setup
This section describes several recommendations to set up the AFEx8201.
The AFEx8201 power up with the CRC enabled. If the device is intended to be run without the CRC, the CRC
must be disabled by setting the CRC_EN bit to 0h in the CONFIG register. Be aware that the command to write
to this register is first done with the CRC enabled. The CRC byte must be appended to the command for the
device to interpret the command correctly. To disable the CRC after start up, write 0x02 0x00 0x26 0x24 to the
device. The first three bytes write the command, while the last byte is the CRC byte. For more information on the
CRC, see the communication description in Section 7.5.3.3.
The AFEx8201 also power up with the SDO pin disabled. The SDO pin is required for reading from any of the
device registers, as well as reading any data from the ADC in SPI mode. The SDO pin is enabled by writing 0h
into the DSDO bit in the CONFIG register. See also Section 7.5.3.1 and Section 7.5.3.2.
To enable the ADC, first enable the ADC buffer by writing 0h into the BUF_PD bit in the ADC_CFG register. For
information about using the ADC in different modes of operation, see Section 7.3.2.
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
84
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com