Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 74 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 74 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 70Page - Texas Instruments AFEX8201 Datasheet HTML 71Page - Texas Instruments AFEX8201 Datasheet HTML 72Page - Texas Instruments AFEX8201 Datasheet HTML 73Page - Texas Instruments AFEX8201 Datasheet HTML 74Page - Texas Instruments AFEX8201 Datasheet HTML 75Page - Texas Instruments AFEX8201 Datasheet HTML 76Page - Texas Instruments AFEX8201 Datasheet HTML 77Page - Texas Instruments AFEX8201 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 95 page
background image
7.6.1.37 FORCE_FAIL Register (Offset = 2Fh) [Reset = 0000h]
Return to the Register Map.
Force failures for fault detection.
Table 7-49. FORCE_FAIL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
CRC_FLT
R/W
0h
Force CRC Failure on SDO by Inverting the CRC Byte
0h = No force failure of CRC (default)
1h = Force failure of CRC
14
VREF_FLT
R/W
0h
Force Reference Voltage Failure. Analog signal.
0h = No force failure of VREF (default)
1h = Force failure of VREF
13
THERM_ERR_FLT
R/W
0h
Force Temperature > 130°C Thermal Error. Analog signal.
0h = No force temperature > 130°C error (default)
1h = Force temperature > 130°C error
12
THERM_WARN_FLT
R/W
0h
Force Temperature > 85°C thermal Warning. Analog signal.
0h = No force temperature > 85°C warning (default)
1h = Force temperature > 85°C warning
11-10
RESERVED
R/W
0h
9
SD4_HI_FLT
R/W
0h
SD4 (VOUT) High Limit Failure. ADC measurement.
0h = No force failure of SD4 (VOUT) (default)
1h = Force failure of SD4 (VOUT)
8
SD4_LO_FLT
R/W
0h
SD4 (VOUT) Low limit failure. ADC measurement.
0h = No force failure of SD4 (VOUT) (default)
1h = Force failure of SD4 (VOUT)
7
SD3_HI_FLT
R/W
0h
SD3 (ZTAT) High Limit Failure. ADC measurement.
0h = No force failure of SD3 (ZTAT) (default)
1h = Force failure of SD3 (ZTAT)
6
SD3_LO_FLT
R/W
0h
SD3 (ZTAT) Low Limit Failure. ADC measurement.
0h = No force failure of SD3 (ZTAT) (default)
1h = Force failure of SD3 (ZTAT)
5
SD2_HI_FLT
R/W
0h
SD2 (VDD) High Limit Failure. ADC measurement.
0h = No force failure of SD2 (VDD) (default)
1h = Force failure of SD2 (VDD)
4
SD2_LO_FLT
R/W
0h
SD2 (VDD) Low Limit Failure. ADC measurement.
0h = No force failure of SD2 (VDD) (default)
1h = Force failure of SD2 (VDD)
3
SD1_HI_FLT
R/W
0h
SD1 (PVDD) High Limit Failure. ADC measurement.
0h = No force failure of SD1 (PVDD) (default)
1h = Force failure of SD1 (PVDD)
2
SD1_LO_FLT
R/W
0h
SD1 (PVDD) Low Limit Failure. ADC measurement.
0h = No force failure of SD1 (PVDD) (default)
1h = Force failure of SD1 (PVDD)
1
SD0_HI_FLT
R/W
0h
SD0 (VREF) High Limit Failure. ADC measurement.
0h = No force failure of SD0 (VREF) (default)
1h = Force failure of SD0 (VREF)
0
SD0_LO_FLT
R/W
0h
SD0 (VREF) Low Limit Failure. ADC measurement.
0h = No force failure of SD0 (VREF) (default)
1h = Force failure of SD0 (VREF)
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
74
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com