Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 47 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 43Page - Texas Instruments AFEX8201 Datasheet HTML 44Page - Texas Instruments AFEX8201 Datasheet HTML 45Page - Texas Instruments AFEX8201 Datasheet HTML 46Page - Texas Instruments AFEX8201 Datasheet HTML 47Page - Texas Instruments AFEX8201 Datasheet HTML 48Page - Texas Instruments AFEX8201 Datasheet HTML 49Page - Texas Instruments AFEX8201 Datasheet HTML 50Page - Texas Instruments AFEX8201 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 95 page
background image
7.5.1.2 UART Mode
At power up, the UART interface is set to 9600 baud with UBM enabled. Any reset clears the UBM register, and
the register must be set again to use UBM. To set up the device in UBM:
1. Using UBM, set UBM.REG_MODE = 1 at 9600 baud. This setting blocks the SPI from accessing the device
and enables the UART interface access to the entire register map.
2. Optionally, set CONFIG.CLR_PIN_EN and CONFIG.IRQ_PIN_EN (See Table 7-15 for details).
Figure 7-18 shows the UBM logical connections (through the isolation barrier, if used) for both minimum
communication functionality (all optional communication pins disconnected, most GPIO pins available
shown) and maximum communication functionality (all communication pins connected, least GPIO pins
available shown). If CONFIG.IRQ_PIN_EN = 1 is set, then the SDO pin functions as the IRQ output. If
CONFIG.CLR_PIN_EN = 1 is set, then the SDI pin controls the clear pin function. Enable each GPIO pin for use
through proper register configuration. If a GPIO pin remains unused, tie the pin to either IOVDD using a pullup
resistor or to GND using a pulldown resistor to avoid floating I/Os.
Resistive tie for unused or undriven GPIO
UART
Interface
Control Logic
SCLK
GPIO4
GPIO5
UARTOUT
UARTIN
Tx
Rx
System
Controller
AFE
GND
RESET
GPIO6
GPIO0
SCLR
IOVDD
Minimum Communication
Functionality (Most GPIOs)
IOVDD
RESET
GPIO6
IOVDD
UART
Interface
Control Logic
SCLK
SDO
SDI
UARTOUT
UARTIN
Tx
Clear
Interrupt
Rx
System
Controller
AFE
GND
Reset
Maximum Communication
Functionality (Least GPIOs)
GND
SCLR
CLK_OUT
Monitor
Figure 7-18. UBM (UART Interface) Connections
7.5.2 GPIO Programming
Seven physical pins are interoperable as GPIOs in the AFEx8201 when not used for communication. The
state of these pins is set after the communication interface mode is determined (see Section 7.5.1 for power-
up conditions and connection-diagram options for each communication mode supported by the AFEx8201).
Configure any unused communication pins as GPIO, and resistively tie the pins to IOVDD or GND, respectively,
as described in Section 7.5.1.
Table 7-8 shows the pins and pin functions in UBM or SPI mode and lists the register configuration conditions
to enable GPIO functionality for each pin. In addition to these register configurations, to use an available pin as
GPIO, set the corresponding GPIO_CFG.EN bit.
For a GPIO pin to be configured as an input, the following conditions must be met:
1. GPIO_CFG.ODE for the pin must = 1
2. GPIO.DATA for the pin must = 1
After initialization, the pin state is Hi-Z. Reading the GPIO.DATA register reads the pin value.
If the previous conditions are not met, the pin is an output. In this case, the output drive type is determined by
the GPIO_CFG.ODE bits to be push-pull or pseudo open drain. The GPIO output is driven by the GPIO.DATA
bits. All reads of GPIO.DATA reports the values of the pins, regardless if the pins are configured as GPIO or
not. Data written to the GPIO.DATA bits cannot be read directly. If a pin is available for use as GPIO, then the
corresponding GPIO_CFG.EN bit must be set to enable GPIO functionality.
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com