Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 59 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 55Page - Texas Instruments AFEX8201 Datasheet HTML 56Page - Texas Instruments AFEX8201 Datasheet HTML 57Page - Texas Instruments AFEX8201 Datasheet HTML 58Page - Texas Instruments AFEX8201 Datasheet HTML 59Page - Texas Instruments AFEX8201 Datasheet HTML 60Page - Texas Instruments AFEX8201 Datasheet HTML 61Page - Texas Instruments AFEX8201 Datasheet HTML 62Page - Texas Instruments AFEX8201 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 95 page
background image
7.6.1.4 DAC_CFG Register (Offset = 3h) [Reset = 0B00h]
Return to the Register Map.
Table 7-16. DAC_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-13
RESERVED
R/W
0h
12
PD
R/W
0h
DAC Output Buffer Power-down
DAC output set to Hi-Z in power-down.
0h = DAC output buffer enabled (default)
1h = DAC output buffer disabled
11-9
SR_CLK
R/W
5h
Slew Clock Rate
0h = 307.2 kHz
1h = 153.6 kHz
2h = 76.8 kHz
3h = 38.4 kHz
4h = 19.2 kHz
5h = 9600 Hz (default)
6h = 4800 Hz
7h = 2400 Hz
8-6
SR_STEP
R/W
4h
Slew Step Size
0h = 1 code
1h = 2 codes
2h = 4 codes
3h = 8 codes
4h = 16 codes (default)
5h = 32 codes
6h = 64 codes
7h = 128 codes
5
SR_EN
R/W
0h
Slew Enable
Enables slew on the output voltage.
0h = Disabled (default)
1h = Enabled
4
SR_MODE
R/W
0h
Slew Mode
Output slew rate mode select.
0h = Linear Slew (default)
1h = Sinusoidal Slew
3
RESERVED
R
0h
2
CLR
R/W
0h
CLEAR State
0h = Normal operation (default)
1h = Force the DAC to the CLEAR state
1-0
RESERVED
R
0h
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com