Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 39 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 35Page - Texas Instruments AFEX8201 Datasheet HTML 36Page - Texas Instruments AFEX8201 Datasheet HTML 37Page - Texas Instruments AFEX8201 Datasheet HTML 38Page - Texas Instruments AFEX8201 Datasheet HTML 39Page - Texas Instruments AFEX8201 Datasheet HTML 40Page - Texas Instruments AFEX8201 Datasheet HTML 41Page - Texas Instruments AFEX8201 Datasheet HTML 42Page - Texas Instruments AFEX8201 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
7.3.3.7 Fault Detection
There are two fields within the ADC_CFG register: FLT_CNT and HYST. These fields are applied to the
assertion and deassertion of alarm conditions for all the ADC channels.
ADC_CFG.FLT_CNT determines the maximum number of accepted consecutive failures before an alarm
condition is reported. For example, if ADC_CFG.FLT_CNT is set for two counts, then three consecutive
conversions must be outside of the thresholds to trigger an alarm. Each failure counts towards the FLT_CNT
limit even if the failures alternate between high threshold and low threshold.
ADC_CFG.HYST sets the hysteresis used by the alarm-detection circuit. After an alarm is triggered, the
hysteresis is applied before the alarm condition is released. In the case of the high threshold, the hysteresis
is subtracted from the threshold value. In the case of the low threshold limit, the hysteresis is added to the
threshold value.
Channels AIN0, AIN1, and TEMP have high and low thresholds associated with them. If a conversion value falls
outside of these limits (that is, if TEMP < low threshold or TEMP > high threshold), an alarm condition for that
channel is set. The alarms are disabled by setting 0x000 for the low threshold and 0xFFF for the high threshold,
respectively. These alarms are disabled by default. Because the configuration fields for the thresholds are only
eight bits wide, the four LSBs are hardcoded for each threshold. The high thresholds four LSBs are hardcoded to
0xF, and the low thresholds four LSBs are hardcoded to 0x0.
All the self diagnostic (SD) channels have fixed thresholds, except SD4, which measures the VOUT of the main
DAC. The threshold for SD4 tracks the VOUT with respect to the DAC code. Table 7-5 shows the calculations
used to determine the high and low ADC thresholds for each SD channel. The limits in the two right-most
columns are determined by the threshold columns to the left and given some margin. The four LSBs are
assigned as described previously.
Table 7-5. Self Diagnostic (SD) Alarm ADC Thresholds
SD
ADC
INPUT
ACCEPTED LOW
VALUE
ACCEPTED HIGH
VALUE
LOW
THRESHOLD
HIGH
THRESHOLD
ADC LOW (HEX) ADC HIGH (HEX)
SD0
VREF/2 VREF/2 – 9% – 25 mV VREF/2 + 9% + 25 mV
0.54375 V
0.70625 V
0x6D0
0x92F
SD1
PVDD/6
1.65/6 – 25 mV
6/6 + 25 mV
0.25 V
1.025 V
0x310
0xD3F
SD2
VDD/2
1.6/2 – 25 mV
2/2 + 25 mV
0.775 V
1.025 V
0x9C0
0xD3F
SD3
0.6 V
0.6 V – 9% – 25 mV
0.6 V + 9% + 25 mV
0.521 V
0.679 V
0x690
0x8CF
SD4
VOUT/2
VOUT/2 – 6 mV
VOUT/2 + 6 mV
VOUT – 12 mV VOUT + 12 mV Expected – 0x040 Expected + 0x040
The alarm threshold for the SD4 input depends on the expected ADC measurement based on the DAC code.
Equation 9 shows the expected ADC code for SD4.
ADC Expected Code = DAC_CODE[MSB:MSB-11]
(9)
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com