Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 46 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 42Page - Texas Instruments AFEX8201 Datasheet HTML 43Page - Texas Instruments AFEX8201 Datasheet HTML 44Page - Texas Instruments AFEX8201 Datasheet HTML 45Page - Texas Instruments AFEX8201 Datasheet HTML 46Page - Texas Instruments AFEX8201 Datasheet HTML 47Page - Texas Instruments AFEX8201 Datasheet HTML 48Page - Texas Instruments AFEX8201 Datasheet HTML 49Page - Texas Instruments AFEX8201 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 95 page
background image
7.5 Programming
The AFEx8201 communicate with the system controller through a serial interface that supports either a UART-
compatible two-wire bus or an SPI-compatible bus. Based on the hardware configuration, either interface can
be enabled. Figure 7-17 and Figure 7-18 show the configurations to enable SPI mode and UART break mode
(UBM), respectively. The SPI supports an 8-bit frame-by-frame CRC that is enabled by default, but can be
disabled by the user. UBM does not support CRC, but does support the UART protocol parity bit.
7.5.1 Communication Setup
After any reset or power up, the AFEx8201 wake up able to use the SPI or UART break mode (UBM). The
devices include a robust mechanism that configures the interface between either an SPI-compatible or UART-
compatible protocol based system, thus preventing protocol change during normal operation. The selection is
based on initial conditions from the respective hardware configurations (see Figure 7-17 and Figure 7-18) and
any subsequent user configuration.
7.5.1.1 SPI Mode
By default, the AFEx8201 can be fully accessed with the SPI (except UBM.REG_MODE). To set up the device in
SPI mode:
1. Set CONFIG.UART_DIS = 1 (disables the UART communication).
2. Optionally, set CONFIG.DSDO, CONFIG.FSDO, CONFIG.CLR_PIN_EN, and CONFIG.IRQ_PIN_EN. For
details, see Table 7-15.
CLK_OUT
Monitor
SCLK
Clock
SCLK
Clock
Resistive tie for unused or undriven GPIO
SDI
SDO
Data In
Data Out
Chip Select
CS
GPIO3
UARTOUT
Interrupt
IOVDD
RESET
UART
Interface
Control Logic
GPIO1
System
Controller
AFE
GND
SCLR
Reset
Maximum Communication
Functionality (Least GPIOs)
Clear
SDI
SDO
IOVDD
Data In
Data Out
Chip Select
CS
GPIO3
GPIO2
IOVDD
RESET
UART
Interface
Control Logic
GPIO1
System
Controller
AFE
GND
SCLR
Minimum Communication
Functionality (Least GPIOs)
GND
GPIO0
Figure 7-17. SPI Mode Connections
Figure 7-17 shows the SPI mode logical connections (through the isolation barrier, if used) for both minimum
communication functionality (all optional communication pins disconnected, most GPIO pins available shown)
and maximum communication functionality (all communication pins connected, least GPIO pins available
shown). If CONFIG.IRQ_PIN_EN = 1 is set, then the UARTOUT pin functions as the IRQ output. In SPI mode,
set CONFIG.SDO_DSDO = 0 to enable the readback function. This function is disabled by default to save
power. If the readback function not enabled, SDO remains in Hi-Z mode even during the subsequent frame after
a read request. Enable each GPIO pin for use through proper register configuration. If a pin remains unused, tied
the pin to either IOVDD using a pullup resistor or to GND using a pulldown resistor as indicated to avoid floating
IOs.
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com