Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 110 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 110 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 104Page - Infineon Technologies AG XC2230L Datasheet HTML 105Page - Infineon Technologies AG XC2230L Datasheet HTML 106Page - Infineon Technologies AG XC2230L Datasheet HTML 107Page - Infineon Technologies AG XC2230L Datasheet HTML 108Page - Infineon Technologies AG XC2230L Datasheet HTML 109Page - Infineon Technologies AG XC2230L Datasheet HTML 110Page - Infineon Technologies AG XC2230L Datasheet HTML 111Page - Infineon Technologies AG XC2230L Datasheet HTML 112Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 110 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Package and Reliability
Data Sheet
106
V1.3, 2015-02
5.2
Thermal Considerations
When operating the XC223[04]L in a system, the total heat generated in the chip must
be dissipated to the ambient environment to prevent overheating and the resulting
thermal damage.
The maximum heat that can be dissipated depends on the package and its integration
into the target board. The “Thermal resistance
RΘJA” quantifies these parameters. The
power dissipation must be limited so that the average junction temperature does not
exceed 150 °C.
The difference between junction temperature and ambient temperature is determined by
ΔT = (P
INT + PIOSTAT + PIODYN) × R
ΘJA
The internal power consumption is defined as
P
INT = VDDP × IDDP (switching current and leakage current).
The static external power consumption caused by the output drivers is defined as
P
IOSTAT = Σ((VDDP-VOH) × IOH) + Σ(VOL × IOL)
The dynamic external power consumption caused by the output drivers (
P
IODYN) depends
on the capacitive load connected to the respective pins and their switching frequencies.
If the total power dissipation for a given system configuration exceeds the defined limit,
countermeasures must be taken to ensure proper system operation:
•
Reduce
V
DDP, if possible in the system
•
Reduce the system frequency
•
Reduce the number of output pins
•
Reduce the load on active output drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com