Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 111 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 111 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 104Page - Infineon Technologies AG XC2230L Datasheet HTML 105Page - Infineon Technologies AG XC2230L Datasheet HTML 106Page - Infineon Technologies AG XC2230L Datasheet HTML 107Page - Infineon Technologies AG XC2230L Datasheet HTML 108Page - Infineon Technologies AG XC2230L Datasheet HTML 109Page - Infineon Technologies AG XC2230L Datasheet HTML 110Page - Infineon Technologies AG XC2230L Datasheet HTML 111Page - Infineon Technologies AG XC2230L Datasheet HTML 112Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 111 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Package and Reliability
Data Sheet
107
V1.3, 2015-02
5.3
Quality Declarations
The operation lifetime of the XC223[04]L depends on the applied temperature profile in
application. For a typical example, please refer to Table 42; for other profiles, please
contact your Infineon counterpart to calculate the specific lifetime within your application.
Table 41
Quality Parameters
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Operation lifetime
t
OP CC
−−
20
a
See Table 42
and Table 43
ESD susceptibility
according to Human Body
Model (HBM)
V
HBM
SR
−−
2000
V
EIA/JESD22-
A114-B
Moisture sensitivity level
MSL CC
−−
3
−
JEDEC
J-STD-020C
Table 42
Typical Usage Temperature Profile
Operating Time
(Sum = 20 years)
Operating Temperature
Notes
1200 h
T
J = 150°C
Normal operation
3600 h
T
J = 125°C
Normal operation
7200 h
T
J = 110°C
Normal operation
12000 h
T
J = 100°C
Normal operation
7
× 21600 h
T
J = 0…10°C, …,
60
…70°C
Power reduction
Table 43
Long Time Maximum Storage Temperature Profile
Operating Time
(Sum = 20 years)
Operating Temperature
Notes
2000 h
T
J = 150°C
Normal operation
16000 h
T
J = 125°C
Normal operation
6000 h
T
J = 110°C
Normal operation
151200 h
T
J ≤ 150°C
No operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com