Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 18Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 19Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 20Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 21Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 22Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 23Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 24Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 25Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 408 page
background image
PIC24FJ256DA210 FAMILY
DS39969B-page 22
 2010 Microchip Technology Inc.
CN0
48
74
B11
I
ST
Interrupt-on-Change Inputs.
CN1
47
73
C10
I
ST
CN2
16
25
K2
I
ST
CN3
15
24
K1
I
ST
CN4
14
23
J2
I
ST
CN5
13
22
J1
I
ST
CN6
12
21
H2
I
ST
CN7
11
20
H1
I
ST
CN8
4
10
E3
I
ST
CN9
5
11
F4
I
ST
CN10
6
12
F2
I
ST
CN11
8
14
F3
I
ST
CN12
30
44
L8
I
ST
CN13
52
81
C8
I
ST
CN14
53
82
B8
I
ST
CN15
54
83
D7
I
ST
CN16
55
84
C7
I
ST
CN17
31
49
L10
I
ST
CN18
32
50
L11
I
ST
CN19
—
80
D8
I
ST
CN20
—
47
L9
I
ST
CN21
—
48
K9
I
ST
CN22
40
64
F11
I
ST
CN23
39
63
F9
I
ST
CN24
17
26
L1
I
ST
CN25
18
27
J3
I
ST
CN26
21
32
K4
I
ST
CN27
22
33
L4
I
ST
CN28
23
34
L5
I
ST
CN29
24
35
J5
I
ST
CN30
27
41
J7
I
ST
CN31
28
42
L7
I
ST
CN32
29
43
K7
I
ST
CN33
—
17
G3
I
ST
CN34
—
38
J6
I
ST
CN35
—
58
H11
I
ST
CN36
—
59
G10
I
ST
CN37
—
60
G11
I
ST
CN38
—
61
G9
I
ST
CN39
—
91
C5
I
ST
TABLE 1-3:
PIC24FJ256DA210 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
64-Pin
TQFP/QFN
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer
Note 1:
The alternate EPMP pins are selected when the ALTPMP (CW3<12>) bit is programmed to ‘0’.
2:
The PMSC2 signal will replace the PMA15 signal on the 15-pin PMA when CSF<1:0> = 01 or 10.
3:
The PMCS1 signal will replace the PMA14 signal on the 14-pin PMA when CSF<1:0> = 10.
4:
The alternate VREF pins selected when the ALTVREF (CW1<5>) bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com