Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 43Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 44Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 45Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 46Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 47Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 48Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 49Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 50Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 47
PIC24FJ256DA210 FAMILY
4.2
Data Memory Space
The PIC24F core has a 16-bit wide data memory space,
addressable as a single linear range.
The data space is accessed using two Address Genera-
tion Units (AGUs), one each for read and write opera-
tions. The data space memory map is shown in
Figure 4-3.
The 16-bit wide data addresses in the data memory
space point to bytes within the Data Space (DS). This
gives a DS address range of 64 Kbytes or 32K words.
The lower 32 Kbytes (0x0000 to 0x7FFF) of DS is com-
patible with the PIC24F microcontrollers without EDS.
The upper 32 Kbytes of data memory address space
(0x8000 - 0xFFFF) are used as an EDS window.
The EDS window is used to access all memory region
implemented in EDS, as shown in Figure 4-4.
The EDS includes any additional internal data memory
not accessible by the lower 32-Kbyte data address
space and any external memory through EPMP. For
more details on accessing internal extended data
memory, refer to the “PIC24F Family Reference
Manual”, Section 45. “Data Memory with Extended
Data Space (EDS)” (DS39733). For more details on
accessing external memory using EPMP, refer to the
“PIC24F Family Reference Manual”, Section 42.
“Enhanced
Parallel
Master
Port
(EPMP)”
(DS39730). In PIC24F microcontrollers with EDS, the
program memory can also be read from EDS. This is
called Program Space Visibility (PSV). Table 4-2 lists the
total memory accessible by each of the devices in this
family.
The EDS is organized as pages, with a single page called
an EDS page that equals the EDS window (32 Kbytes).
A particular EDS page is selected through the Data
Space Read register (DSRPAG) or Data Space Write
register (DSWPAG). For PSV, only the DSRPAG register
is used. The combination of the DSRPAG register value
and the 16-bit wide data address forms a 24-bit Effective
Address (EA). For more information on EDS, refer to
Section 4.3.3 “Reading Data from Program Memory
Using EDS”.
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F Family Reference Manual”,
Section
45.
“Data
Memory
with
Extended Data Space” (DS39733). The
information in this data sheet supersedes
the information in the FRM.
TABLE 4-2:
TOTAL MEMORY ACCESSIBLE BY THE DEVICE
Devices
Internal RAM
External RAM Access
Using EPMP
Program Memory Access
Using EDS
PIC24FJXXXDA210
96 Kbytes (30K + 66K(1))
Yes (up to 16 MB)
Yes
PIC24FJXXXDA206
96 Kbytes (30K + 66K(1))No
Yes
PIC24FJXXXDA110
24 Kbytes
Yes (up to 16 MB)
Yes
PIC24FJXXXDA106
24 Kbytes
No
Yes
Note 1:
The internal RAM above 30 Kbytes can be accessed through EDS window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com