Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 68Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 69Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 70Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 71Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 72Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 73Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 74Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 75Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 408 page
background image
PIC24FJ256DA210 FAMILY
DS39969B-page 72
 2010 Microchip Technology Inc.
4.2.5.1
Data Read from EDS Space
In order to read the data from the EDS space, first, an
Address Pointer is set up by loading the required EDS
page number into the DSRPAG register and assigning
the offset address to one of the W registers. Once the
above assignment is done, the EDS window is enabled
by setting bit 15 of the working register, assigned with
the offset address; then, the contents of the pointed
EDS location can be read.
Figure 4-5 illustrates how the EDS space address is
generated for read operations.
FIGURE 4-5:
EDS ADDRESS GENERATION FOR READ OPERATIONS
When the Most Significant bit (MSBs) of EA is ‘1’ and
DSRPAG<9> = 0, the lower 9 bits of DSRPAG are con-
catenated to the lower 15 bits of EA to form a 24-bit
EDS space address for read operations.
Example 4-1 shows how to read a byte, word and
double-word from EDS.
EXAMPLE 4-1:
EDS READ CODE IN ASSEMBLY
DSRPAG Reg
Select
Wn
9
8
15 Bits
9 Bits
24-Bit EA
Wn<0> is Byte Select
0
= Extended SRAM and EPMP
1
0
Note:
All read operations from EDS space have
an overhead of one instruction cycle.
Therefore, a minimum of two instruction
cycles is required to complete an EDS
read. EDS reads under the REPEAT
instruction; the first two accesses take
three
cycles
and
the
subsequent
accesses take one cycle.
; Set the EDS page from where the data to be read
mov
#0x0002 , w0
mov
w0 , DSRPAG
;page 2 is selected for read
mov
#0x0800 ,
w1
;select the location (0x800) to be read
bset
w1 , #15
;set the MSB of the base address, enable EDS mode
;Read a byte from the selected location
mov.b
[w1++] ,
w2
;read Low byte
mov.b
[w1++] , w3
;read High byte
;Read a word from the selected location
mov
[w1] , w2
;
;Read Double - word from the selected location
mov.d
[w1] , w2
;two word read, stored in w2 and w3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com