Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 21Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 22Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 23Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 24Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 25Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 26Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 27Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 28Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 25
PIC24FJ256DA210 FAMILY
PGEC1
15
24
K1
I/O
ST
In-Circuit Debugger/Emulator/ICSP™ Programming Clock 1.
PGED1
16
25
K2
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming Data 1.
PGEC2
17
26
L1
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming Clock 2.
PGED2
18
27
J3
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming Data 2.
PGEC3
11
20
H1
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming Clock 3.
PGED3
12
21
H2
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming Data 3.
PMA0
—
44
L8
I/O
ST
Parallel Master Port Address bit 0 Input (Buffered Slave
modes) and Output (Master modes).
PMA1
—
43
K7
I/O
ST
Parallel Master Port Address Bit 1 Input (Buffered Slave
modes) and Output (Master modes).
PMA2
—
14
F3
O
—
Parallel Master Port Address bits<22:2>.
PMA3
—
12, 60(1)
F2, G11(1)
O—
PMA4
—
11,59(1)
F4,G10(1)
O—
PMA5
—
10,40(1)
E3,K6(1)
O—
PMA6
—
29
K3
O
—
PMA7
—
28
L2
O
—
PMA8
—
50
L11
O
—
PMA9
—
49
L10
O
—
PMA10
—
42
L7
O
—
PMA11
—
41
J7
O
—
PMA12
—
35
J5
O
—
PMA13
—
34
L5
O
—
PMA14
—
71
C11
O
—
PMA15
—
70
D11
O
—
PMA16
—
95
C4
O
—
PMA17
—
92
B5
O
—
PMA18
—
40,10(1)
K6,E3(1)
O—
PMA19
—
19
G2
O
—
PMA20
—
59, 11(1)
G10, F4(1)
O—
PMA21
—
60,12(1)
G11,F2(1)
O—
PMA22
—
66,9(1)
E11,E1(1)
O—
PMACK1
—
77
A10
I
ST/TTL Parallel Master Port Acknowledge Input 1.
PMACK2
—
69
E10
I
ST/TTL Parallel Master Port Acknowledge Input 2.
PMALL
—
44
L8
O
—
Parallel Master Port Lower Address Latch Strobe.
PMALH
—
43
K7
O
—
Parallel Master Port Higher Address Latch Strobe.
PMALU
—
14
F3
O
—
Parallel Master Port Upper Address Latch Strobe.
PMBE0
—
78
B9
O
—
Parallel Master Port Byte Enable Strobe 0.
PMBE1
—
67
E8
O
—
Parallel Master Port Byte Enable Strobe 1.
PMCS1
—
71(3),18
C11(3),G1
I/O
ST/TTL Parallel Master Port Chip Select Strobe 1.
PMCS2
—
70(2),9,
66(1)
D11(2),E1,
E11(1)
O—
Parallel Master Port Chip Select Strobe 2.
TABLE 1-3:
PIC24FJ256DA210 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
64-Pin
TQFP/QFN
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer
Note 1:
The alternate EPMP pins are selected when the ALTPMP (CW3<12>) bit is programmed to ‘0’.
2:
The PMSC2 signal will replace the PMA15 signal on the 15-pin PMA when CSF<1:0> = 01 or 10.
3:
The PMCS1 signal will replace the PMA14 signal on the 14-pin PMA when CSF<1:0> = 10.
4:
The alternate VREF pins selected when the ALTVREF (CW1<5>) bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com