Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 85Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 86Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 87Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 88Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 89Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 90Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 91Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 92Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 89
PIC24FJ256DA210 FAMILY
TABLE 6-1:
RESET FLAG BIT OPERATION
bit 2
IDLE: Wake-up From Idle Flag bit
1
= Device has been in Idle mode
0
= Device has not been in Idle mode
bit 1
BOR: Brown-out Reset Flag bit
1
= A Brown-out Reset has occurred
Note that BOR is also set after a Power-on Reset.
0
= A Brown-out Reset has not occurred
bit 0
POR: Power-on Reset Flag bit
1
= A Power-on Reset has occurred
0
= A Power-on Reset has not occurred
REGISTER 6-1:
RCON: RESET CONTROL REGISTER(1) (CONTINUED)
Note 1: All of the Reset status bits may be set or cleared in software. Setting one of these bits in software does not
cause a device Reset.
2: If the FWDTEN Configuration bit is ‘1’ (unprogrammed), the WDT is always enabled, regardless of the
SWDTEN bit setting.
3: Re-enabling the regulator after it enters Standby mode will add a delay, TVREG, when waking up from
Sleep. Applications that do not use the voltage regulator should set this bit to prevent this delay from
occurring.
Flag Bit
Setting Event
Clearing Event
TRAPR (RCON<15>)
Trap Conflict Event
POR
IOPUWR (RCON<14>)
Illegal Opcode or Uninitialized W Register Access
POR
CM (RCON<9>)
Configuration Mismatch Reset
POR
EXTR (RCON<7>)
MCLR Reset
POR
SWR (RCON<6>)
RESET
Instruction
POR
WDTO (RCON<4>)
WDT Time-out
CLRWDT, PWRSAV
Instruction, POR
SLEEP (RCON<3>)
PWRSAV #0
Instruction
POR
IDLE (RCON<2>)
PWRSAV #1
Instruction
POR
BOR (RCON<1>)
POR, BOR
—
POR (RCON<0>)
POR
—
Note:
All Reset flag bits may be set or cleared by the user software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com