Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 14Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 15Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 16Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 17Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 18Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 19Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 20Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 21Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 408 page
background image
PIC24FJ256DA210 FAMILY
DS39969B-page 18
 2010 Microchip Technology Inc.
TABLE 1-1:
DEVICE FEATURES FOR THE PIC24FJ256DA210 FAMILY: 64-PIN
Features
PIC24FJ128DA106 PIC24FJ256DA106 PIC24FJ128DA206 PIC24FJ256DA206
Operating Frequency
DC – 32 MHz
Program Memory (bytes)
128K
256K
128K
256K
Program Memory (instructions)
44,032
87,552
44,032
87,552
Data Memory (bytes)
24K
96K
Interrupt Sources (soft vectors/
NMI traps)
65 (61/4)
I/O Ports
Ports B, C, D, E, F, G
Total I/O Pins
52
Remappable Pins
29 (28 I/O, 1 Input only)
Timers:
Total Number (16-bit)
5(1)
32-Bit (from paired 16-bit timers)
2
Input Capture Channels
9(1)
Output Compare/PWM Channels
9(1)
Input Change Notification Interrupt
52
Serial Communications:
UART
4(1)
SPI (3-wire/4-wire)
3(1)
I2C™
3
Parallel Communications
(EPMP/PSP)
No
JTAG Boundary Scan
Yes
10-Bit Analog-to-Digital Converter
(ADC) Module (input channels)
16
Analog Comparators
3
CTMU Interface
Yes
USB OTG
Yes
Graphics Controller
Yes
Resets (and Delays)
POR, BOR, RESET Instruction, MCLR, WDT; Illegal Opcode,
REPEAT
Instruction, Hardware Traps, Configuration Word Mismatch
(OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
64-Pin TQFP and QFN
Note 1:
Peripherals are accessible through remappable pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com