Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 26Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 27Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 28Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 29Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 30Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 31Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 32Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 33Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 408 page
background image
PIC24FJ256DA210 FAMILY
DS39969B-page 30
 2010 Microchip Technology Inc.
RP20
53
82
B8
I/O
ST
Remappable Peripheral (input or output).
RP21
4
10
E3
I/O
ST
RP22
51
78
B9
I/O
ST
RP23
50
77
A10
I/O
ST
RP24
49
76
A11
I/O
ST
RP25
52
81
C8
I/O
ST
RP26
5
11
F4
I/O
ST
RP27
8
14
F3
I/O
ST
RP28
12
21
H2
I/O
ST
RP29
30
44
L8
I/O
ST
RP30
—
52
K11
I/O
ST
RP31
—
39
L6
I/O
ST
RPI32
—
40
K6
I
ST
Remappable Peripheral (input only).
RPI33
—
18
G1
I
ST
RPI34
—
19
G2
I
ST
RPI35
—
67
E8
I
ST
RPI36
—
66
E11
I
ST
RPI37
48
74
B11
I
ST
RPI38
—
6
D1
I
ST
RPI39
—
7
E4
I
ST
RPI40
—
8
E2
I
ST
RPI41
—
9
E1
I
ST
RPI42
—
79
A9
I
ST
RPI43
—
47
L9
I
ST
RTCC
42
68
E9
O
—
Real-Time Clock Alarm/Seconds Pulse Output.
SCL1
44
66
E11
I/O
I2C™
I2C1 Synchronous Serial Clock Input/Output.
SCL2
32
58
H11
I/O
I2C
I2C2 Synchronous Serial Clock Input/Output.
SCL3
2
4
C1
I/O
I2C
I2C3 Synchronous Serial Clock Input/Output.
SCLKI
48
74
B11
O
ANA
Secondary Clock Input.
SDA1
43
67
E8
I/O
I2C
I2C1 Data Input/Output.
SDA2
31
59
G10
I/O
I2C
I2C2 Data Input/Output.
SDA3
3
5
D2
I/O
I2C
I2C3 Data Input/Output.
SESSEND
55
84
C7
I
ST
USB VBUS Boost Generator, Comparator Input 3.
SESSVLD
59
88
A6
I
ST
USB VBUS Boost Generator, Comparator Input 2.
SOSCI
47
73
C10
I
ANA
Secondary Oscillator/Timer1 Clock Input.
SOSCO
48
74
B11
O
ANA
Secondary Oscillator/Timer1 Clock Output.
T1CK
48
74
B11
I
ST
Timer1 Clock.
TABLE 1-3:
PIC24FJ256DA210 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
64-Pin
TQFP/QFN
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer
Note 1:
The alternate EPMP pins are selected when the ALTPMP (CW3<12>) bit is programmed to ‘0’.
2:
The PMSC2 signal will replace the PMA15 signal on the 15-pin PMA when CSF<1:0> = 01 or 10.
3:
The PMCS1 signal will replace the PMA14 signal on the 14-pin PMA when CSF<1:0> = 10.
4:
The alternate VREF pins selected when the ALTVREF (CW1<5>) bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com