Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 90Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 91Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 92Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 93Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 94Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 95Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 96Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 97Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 408 page
background image
PIC24FJ256DA210 FAMILY
DS39969B-page 94
 2010 Microchip Technology Inc.
FIGURE 7-1:
PIC24F INTERRUPT VECTOR TABLE
TABLE 7-1:
TRAP VECTOR DETAILS
Note 1: See Table 7-2 for the interrupt vector list.
Reset – GOTO Instruction
000000h
Reset – GOTO Address
000002h
Reserved
000004h
Oscillator Fail Trap Vector
Address Error Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
Reserved
Reserved
Reserved
Interrupt Vector 0
000014h
Interrupt Vector 1
—
—
—
Interrupt Vector 52
00007Ch
Interrupt Vector 53
00007Eh
Interrupt Vector 54
000080h
—
—
—
Interrupt Vector 116
0000FCh
Interrupt Vector 117
0000FEh
Reserved
000100h
Reserved
000102h
Reserved
Oscillator Fail Trap Vector
Address Error Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
Reserved
Reserved
Reserved
Interrupt Vector 0
000114h
Interrupt Vector 1
—
—
—
Interrupt Vector 52
00017Ch
Interrupt Vector 53
00017Eh
Interrupt Vector 54
000180h
—
—
—
Interrupt Vector 116
Interrupt Vector 117
0001FEh
Start of Code
000200h
Interrupt Vector Table (IVT)(1)
Alternate Interrupt Vector Table (AIVT)(1)
Vector Number
IVT Address
AIVT Address
Trap Source
0
000004h
000104h
Reserved
1
000006h
000106h
Oscillator Failure
2
000008h
000108h
Address Error
3
00000Ah
00010Ah
Stack Error
4
00000Ch
00010Ch
Math Error
5
00000Eh
00010Eh
Reserved
6
000010h
000110h
Reserved
7
000012h
000112h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com