Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 13Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 14Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 15Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 16Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 17Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 18Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 19Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 20Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 17
PIC24FJ256DA210 FAMILY
1.5
Details on Individual Family
Members
Devices in the PIC24FJ256DA210 family are available
in 64-pin and 100-pin packages. The general block
diagram for all devices is shown in Figure 1-1.
The devices are differentiated from each other in seven
ways:
1.
Flash program memory (128 Kbytes for
PIC24FJ128DAXXX devices and 256 Kbytes
for PIC24FJ256DAXXX devices).
2.
Data memory (24 Kbytes for PIC24FJXXXDA1XX
devices, and 96 Kbytes for PIC24FJXXXDA2XX
devices).
3.
Available I/O pins and ports (52 pins on 6 ports
for PIC24FJXXXDAX06 devices and 84 pins on
7 ports for PIC24FJXXXDAX10 devices).
4.
Available Interrupt-on-Change Notification (ICN)
inputs (52 on PIC24FJXXXDAx06 devices and
84 on PIC24FJXXXDAX10 devices).
5.
Available remappable pins (29 pins on
PIC24FJXXXDAX06 devices and 44 pins on
PIC24FJXXXDAX10 devices).
6.
Analog channels for ADC (16 channels for
PIC24FJXXXDAX06 devices and 24 channels
for PIC24FJxxxDAx10 devices).
7.
EPMP module (available in PIC24FJXXXDAX10
devices and not in PIC24FJXXXDAX06 devices).
All other features for devices in this family are identical.
These are summarized in Table 1-1 and Table 1-2.
A list of the pin features available on the
PIC24FJ256DA210 family devices, sorted by function,
is shown in Table 1-1. Note that this table shows the pin
location of individual peripheral features and not how
they are multiplexed on the same pin. This information
is provided in the pinout diagrams in the beginning of
the data sheet. Multiplexed features are sorted by the
priority given to a feature, with the highest priority
peripheral being listed first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com