Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 7Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 8Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 9Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 10Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 11Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 12Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 13Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 14Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 11
PIC24FJ256DA210 FAMILY
TABLE 3:
COMPLETE PIN FUNCTION DESCRIPTIONS FOR 121-PIN (BGA) DEVICES
PinFunctionPin
Function
A1
PMD4/CN62/RE4
E5
VDD
A2
PMD3/CN61/RE3
E6
PMD9/CN78/RG1
A3
HSYNC/CN80/RG13
E7
N/C
A4
PMD0/CN58/RE0
E8
SDA1/RPI35/PMBE1/CN44/RA15
A5
PMD8/CN77/RG0
E9
DMLN/RTCC/RP2/CN53/RD8
A6
VCMPST2/SESSVLD/PMD10/CN69/RF1
E10
DPLN/RP4/GD10/PMACK2/CN54/RD9
A7
ENVREG
E11
SCL1/RPI36/PMA22/PMCS2(2)/CN43/RA14
A8
N/C
F1
MCLR
A9
RPI42/PMD12/CN57/RD12
F2
AN19/C2IND/RP19/PMA3/PMA21(2)/CN10/RG8
A10
DPH/RP23/GD11/PMACK1/CN51/RD2
F3
AN20/C2INC/RP27/PMA2/CN11/RG9
A11
VCPCON/RP24/GD7/VBUSCHG/CN50/RD1
F4
AN18/C1INC/RP26/PMA4/PMA20(2)/CN9/RG7
B1
N/C
F5
VSS
B2
GCLK/CN82/RG15
F6
N/C
B3
PMD2/CN60/RE2
F7
N/C
B4
PMD1/CN59/RE1
F8
VDD
B5
AN22/PMA17/CN40/RA7
F9
OSCI/CLKI/CN23/RC12
B6
VBUSST/VCMPST1/VBUSVLD/PMD11/CN68/RF0
F10
VSS
B7
VCAP
F11
OSCO/CLKO/CN22/RC15
B8
RP20/PMRD/CN14/RD5
G1
RPI33/PMCS1/CN66/RE8
B9
RP22/PMBE0/CN52/RD3
G2
AN21/RPI34/PMA19/CN67/RE9
B10
VSS
G3
TMS/CN33/RA0
B11
SOSCO/SCLKI/T1CK/C3INC/RPI37/CN0/RC14
G4
N/C
C1
SCL3/PMD6/CN64/RE6
G5
VDD
C2
VDD
G6
VSS
C3
VSYNC/CN79/RG12
G7
VSS
C4
PMA16/CN81/RG14
G8
N/C
C5
AN23/GEN/CN39/RA6
G9
TDO/CN38/RA5
C6
N/C
G10
SDA2/PMA20/PMA4(2)/CN36/RA3
C7
C3INA/SESSEND/PMD15/CN16/RD7
G11
TDI/PMA21/PMA3(2)/CN37/RA4
C8
RP25/PMWR/CN13/RD4
H1
PGEC3/AN5/C1INA/VBUSON/RP18/CN7/RB5
C9
VDD
H2
PGED3/AN4/C1INB/USBOEN/RP28/GD4/CN6/RB4
C10
SOSCI/C3IND/CN1/RC13
H3
VSS
C11
RP12/PMA14/PMCS1(3)/CN56/RD11
H4
VDD
D1
RPI38/GD0/CN45/RC1
H5
N/C
D2
SDA3/PMD7/CN65/RE7
H6
VDD
D3
PMD5/CN63/RE5
H7
N/C
D4
VSS
H8
VBUS/CN73/RF7
D5
VSS
H9
VUSB
D6
N/C
H10
D+/CN83/RG2
D7
C3INB/PMD14/CN15/RD6
H11
SCL2/CN35/RA2
D8
PMD13/CN19/RD13
J1
AN3/C2INA/GD5/VPIO/CN5/RB3
D9
DMH/RP11/INT0/CN49/RD0
J2
AN2/C2INB/VMIO/RP13/GD6/CN4/RB2
D10
N/C
J3
PGED2/AN7/RP7/RCV/GPWR/CN25/RB7
D11
RP3/PMA15/PMCS2(3)/CN55/RD10
J4
AVDD
E1
AN16/RPI41/PMCS2/PMA22(2)/CN48/RC4
J5
AN11/PMA12/CN29/RB11
E2
RPI40/GD1/CN47/RC3
J6
TCK/CN34/RA1
E3
AN17/C1IND/RP21/PMA5/PMA18(2)/CN8/RG6
J7
AN12/PMA11/CTEDG2/CN30/RB12
E4
RPI39/GD8/CN46/RC2
J8
N/C
Legend:
RPn and RPIn represent remappable pins for Peripheral Pin Select functions.
Note
1:
Alternate pin assignments for VREF+ and VREF- when the ALTVREF Configuration bit is programmed.
2:
Alternate pin assignments for EPMP when the ALTPMP Configuration bit is programmed.
3:
Pin assignment for PMCSx when CSF<1:0> is not equal to ‘00’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com