Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 11Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 12Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 13Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 14Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 15Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 16Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 17Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 18Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 15
PIC24FJ256DA210 FAMILY
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following devices:
The PIC24FJ256DA210 family enhances on the exist-
ing line of Microchip‘s 16-bit microcontrollers, adding a
new Graphics Controller (GFX) module to interface
with a graphical LCD display and also adds large data
RAM, up to 96 Kbytes. The PIC24FJ256DA210 family
allows the CPU to fetch data directly from an external
memory device using the EPMP module.
1.1
Core Features
1.1.1
16-BIT ARCHITECTURE
Central to all PIC24F devices is the 16-bit modified
Harvard architecture, first introduced with Microchip’s
dsPIC® Digital Signal Controllers (DSCs). The PIC24F
CPU core offers a wide range of enhancements, such
as:
• 16-bit data and 24-bit address paths with the
ability to move information between data and
memory spaces
• Linear addressing of up to 12 Mbytes (program
space) and 32 Kbytes (data)
• A 16-element working register array with built-in
software stack support
• A 17 x 17 hardware multiplier with support for
integer math
• Hardware support for 32 by 16-bit division
• An instruction set that supports multiple
addressing modes and is optimized for high-level
languages, such as ‘C’
• Operational performance up to 16 MIPS
1.1.2
POWER-SAVING TECHNOLOGY
All of the devices in the PIC24FJ256DA210 family
incorporate a range of features that can significantly
reduce power consumption during operation. Key
items include:
• On-the-Fly Clock Switching: The device clock
can be changed under software control to the
Timer1 source or the internal, low-power RC
oscillator during operation, allowing the user to
incorporate power-saving ideas into their software
designs.
• Doze Mode Operation: When timing-sensitive
applications, such as serial communications,
require the uninterrupted operation of peripherals,
the CPU clock speed can be selectively reduced,
allowing incremental power savings without
missing a beat.
• Instruction-Based Power-Saving Modes: The
microcontroller can suspend all operations, or
selectively shut down its core while leaving its
peripherals active with a single instruction in
software.
1.1.3
OSCILLATOR OPTIONS AND
FEATURES
All of the devices in the PIC24FJ256DA210 family offer
five different oscillator options, allowing users a range
of choices in developing application hardware. These
include:
• Two Crystal modes using crystals or ceramic
resonators.
• Two External Clock modes offering the option of a
divide-by-2 clock output.
• A Fast Internal Oscillator (FRC) with a nominal
8 MHz output, which can also be divided under
software control to provide clock speeds as low as
31 kHz.
• A Phase Lock Loop (PLL) frequency multiplier,
available to the external oscillator modes and the
FRC oscillator, which allows clock speeds of up to
32 MHz.
• A separate Low-Power Internal RC Oscillator
(LPRC) with a fixed 31 kHz output, which provides
a low-power option for timing-insensitive
applications.
The internal oscillator block also provides a stable
reference source for the Fail-Safe Clock Monitor
(FSCM). This option constantly monitors the main clock
source against a reference signal provided by the inter-
nal oscillator and enables the controller to switch to the
internal oscillator, allowing for continued low-speed
operation or a safe application shutdown.
1.1.4
EASY MIGRATION
Regardless of the memory size, all devices share the
same rich set of peripherals, allowing for a smooth
migration path as applications grow and evolve. The
consistent pinout scheme used throughout the entire
family also aids in migrating from one device to the next
larger, or even in jumping from 64-pin to 100-pin
devices.
The PIC24F family is pin compatible with devices in the
dsPIC33 family, and shares some compatibility with the
pinout schema for PIC18 and dsPIC30. This extends
the ability of applications to grow from the relatively
simple, to the powerful and complex, yet still selecting
a Microchip device.
• PIC24FJ128DA106
• PIC24FJ128DA206
• PIC24FJ256DA106
• PIC24FJ256DA206
• PIC24FJ128DA110
• PIC24FJ128DA210
• PIC24FJ256DA110
• PIC24FJ256DA210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com