Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 25Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 26Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 27Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 28Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 29Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 30Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 31Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 32Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 29
PIC24FJ256DA210 FAMILY
RG0
—
90
A5
I/O
ST
PORTG Digital I/O.
RG1
—
89
E6
I/O
ST
RG2
37
57
H10
I/O
ST
RG3
36
56
J11
I/O
ST
RG6
4
10
E3
I/O
ST
RG7
5
11
F4
I/O
ST
RG8
6
12
F2
I/O
ST
RG9
8
14
F3
I/O
ST
RG12
—
96
C3
I/O
ST
RG13
—
97
A3
I/O
ST
RG14
—
95
C4
I/O
ST
RG15
—
1
B2
I/O
ST
RP0
16
25
K2
I/O
ST
Remappable Peripheral (input or output).
RP1
15
24
K1
I/O
ST
RP2
42
68
E9
I/O
ST
RP3
44
70
D11
I/O
ST
RP4
43
69
E10
I/O
ST
RP5
—
48
K9
I/O
ST
RP6
17
26
L1
I/O
ST
RP7
18
27
J3
I/O
ST
RP8
21
32
K4
I/O
ST
RP9
22
33
L4
I/O
ST
RP10
31
49
L10
I/O
ST
RP11
46
72
D9
I/O
ST
RP12
45
71
C11
I/O
ST
RP13
14
23
J2
I/O
ST
RP14
29
43
K7
I/O
ST
RP15
—
53
J10
I/O
ST
RP16
33
51
K10
I/O
ST
RP17
32
50
L11
I/O
ST
RP18
11
20
H1
I/O
ST
RP19
6
12
F2
I/O
ST
TABLE 1-3:
PIC24FJ256DA210 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
64-Pin
TQFP/QFN
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer
Note 1:
The alternate EPMP pins are selected when the ALTPMP (CW3<12>) bit is programmed to ‘0’.
2:
The PMSC2 signal will replace the PMA15 signal on the 15-pin PMA when CSF<1:0> = 01 or 10.
3:
The PMCS1 signal will replace the PMA14 signal on the 14-pin PMA when CSF<1:0> = 10.
4:
The alternate VREF pins selected when the ALTVREF (CW1<5>) bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com