Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 71Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 72Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 73Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 74Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 75Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 76Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 77Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 78Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 75
PIC24FJ256DA210 FAMILY
4.2.6
SOFTWARE STACK
Apart from its use as a working register, the W15
register in PIC24F devices is also used as a Software
Stack Pointer (SSP). The pointer always points to the
first available free word and grows from lower to higher
addresses. It pre-decrements for stack pops and
post-increments for stack pushes, as shown in
Figure 4-7. Note that for a PC push during any CALL
instruction, the MSB of the PC is zero-extended before
the push, ensuring that the MSB is always clear.
The Stack Pointer Limit Value register (SPLIM), associ-
ated with the Stack Pointer, sets an upper address
boundary for the stack. SPLIM is uninitialized at Reset.
As is the case for the Stack Pointer, SPLIM<0> is
forced to ‘0’ as all stack operations must be
word-aligned. Whenever an EA is generated using
W15 as a source or destination pointer, the resulting
address is compared with the value in SPLIM. If the
contents of the Stack Pointer (W15) and the SPLIM reg-
ister are equal, and a push operation is performed, a
stack error trap will not occur. The stack error trap will
occur on a subsequent push operation. Thus, for
example, if it is desirable to cause a stack error trap
when the stack grows beyond address 2000h in RAM,
initialize the SPLIM with the value, 1FFEh.
Similarly, a Stack Pointer underflow (stack error) trap is
generated when the Stack Pointer address is found to
be less than 0800h. This prevents the stack from
interfering with the SFR space.
A write to the SPLIM register should not be immediately
followed by an indirect read operation using W15.
FIGURE 4-7:
CALL
STACK FRAME
4.3
Interfacing Program and Data
Memory Spaces
The PIC24F architecture uses a 24-bit wide program
space and 16-bit wide data space. The architecture is
also a modified Harvard scheme, meaning that data
can also be present in the program space. To use this
data successfully, it must be accessed in a way that
preserves the alignment of information in both spaces.
Aside from normal execution, the PIC24F architecture
provides two methods by which program space can be
accessed during operation:
• Using table instructions to access individual bytes
or words anywhere in the program space
• Remapping a portion of the program space into
the data space (program space visibility)
Table instructions allow an application to read or write
to small areas of the program memory. This makes the
method ideal for accessing data tables that need to be
updated from time to time. It also allows access to all
bytes of the program word. The remapping method
allows an application to access a large block of data on
a read-only basis, which is ideal for look ups from a
large table of static data. It can only access the least
significant word of the program word.
4.3.1
ADDRESSING PROGRAM SPACE
Since the address ranges for the data and program
spaces are 16 and 24 bits, respectively, a method is
needed to create a 23-bit or 24-bit program address
from 16-bit data registers. The solution depends on the
interface method to be used.
For table operations, the 8-bit Table Memory Page
Address register (TBLPAG) is used to define a 32K word
region within the program space. This is concatenated
with a 16-bit EA to arrive at a full 24-bit program space
address. In this format, the MSBs of TBLPAG is used to
determine if the operation occurs in the user memory
(TBLPAG<7> = 0) or the configuration memory
(TBLPAG<7> = 1).
For remapping operations, the 10-bit Extended Data
Space Read register (DSRPAG) is used to define a
16K word page in the program space. When the Most
Significant bit (MSb) of the EA is ‘1’, and the MSb (bit 9)
of DSRPAG is ‘1’, the lower 8 bits of DSRPAG are con-
catenated with the lower 15 bits of the EA to form a
23-bit program space address. The DSRPAG<8> bit
decides whether the lower word (when bit is ‘0’) or the
higher word (when bit is ‘1’) of program memory is
mapped. Unlike table operations, this strictly limits
remapping operations to the user memory area.
Table 4-36 and Figure 4-8 show how the program EA is
created for table operations and remapping accesses
from the data EA. Here, P<23:0> refers to a program
space word, whereas D<15:0> refers to a data space
word.
Note:
A PC push during exception processing
will concatenate the SRL register to the
MSB of the PC prior to the push.
<Free Word>
PC<15:0>
000000000
0
15
W15 (before CALL)
W15 (after CALL)
0000h
PC<22:16>
POP
: [--W15]
PUSH : [W15++]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com