Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 61Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 62Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 63Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 64Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 65Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 66Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 67Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 68Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 408 page
background image
TABLE 4-26:
ENHANCED PARALLEL MASTER/SLAVE PORT REGISTER MAP(1)
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PMCON1
0600
PMPEN
—
PSIDL
ADRMUX1
ADRMUX0
—
MODE1
MODE0
CSF1
CSF0
ALP
ALMODE
—
BUSKEEP
IRQM1
IRQM0
0000
PMCON2
0602
BUSY
—
ERROR
TIMEOUT
AMREQ
CURMST
MSTSEL1 MSTSEL0 RADDR23 RADDR22 RADDR21 RADDR20 RADDR19 RADDR18 RADDR17 RADDR16
0000
PMCON3
0604 PTWREN PTRDEN
PTBE1EN
PTBE0EN
—
AWAITM1 AWAITM0
AWAITE
—
PTEN22
PTEN21
PTEN20
PTEN19
PTEN18
PTEN17
PTEN16
0000
PMCON4
0606
PTEN15
PTEN14
PTEN13
PTEN12
PTEN11
PTEN10
PTEN9
PTEN8
PTEN7
PTEN6
PTEN5
PTEN4
PTEN3
PTEN2
PTEN1
PTEN0
0000
PMCS1CF
0608
CSDIS
CSP
CSPTEN
BEP
—
WRSP
RDSP
SM
ACKP
PTSZ1
PTSZ0
—
—
—
—
—
0000
PMCS1BS
060A
BASE23
BASE22
BASE21
BASE20
BASE19
BASE18
BASE17
BASE16
BASE15
—
—
—BASE11
—
—
—
0200
PMCS1MD 060C
ACKM1
ACKM0
AMWAIT2
AMWAIT1
AMWAIT0
—
—
—
DWAITB1 DWAITB0 DWAITM3 DWAITM2 DWAITM1 DWAITM0 DWAITE1
DWAITE0
0000
PMCS2CF
060E
CSDIS
CSP
CSPTEN
BEP
—
WRSP
RDSP
SM
ACKP
PTSZ1
PTSZ0
—
—
—
—
—
0000
PMCS2BS
0610
BASE23
BASE22
BASE21
BASE20
BASE19
BASE18
BASE17
BASE16
BASE15
—
—
—BASE11
—
—
—
0600
PMCS2MD 0612
ACKM1
ACKM0
AMWAIT2
AMWAIT1
AMWAIT0
—
—
—
DWAITB1 DWAITB0 DWAITM3 DWAITM2 DWAITM1 DWAITM0 DWAITE1
DWAITE0
0000
PMDOUT1
0614
EPMP Data Out Register 1<15:8>
EPMP Data Out Register 1<7:0>
xxxx
PMDOUT2
0616
EPMP Data Out Register 2<15:8>
EPMP Data Out Register 2<7:0>
xxxx
PMDIN1
0618
EPMP Data In Register 1<15:8>
EPMP Data In Register 1<7:0>
xxxx
PMDIN2
061A
EPMP Data In Register 2<15:8>
EPMP Data In Register 2<7:0>
xxxx
PMSTAT
061C
IBF
IBOV
—
—
IB3F
IB2F
IB1F
IB0F
OBE
OBUF
—
—
OB3E
OB2E
OB1E
OB0E
008F
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Unimplemented in 64-pin devices, read as ‘0’.
TABLE 4-27:
REAL-TIME CLOCK AND CALENDAR REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ALRMVAL
0620
Alarm Value Register Window Based on ALRMPTR<1:0>
xxxx
ALCFGRPT
0622
ALRMEN
CHIME
AMASK3
AMASK2
AMASK1
AMASK0
ALRMPTR1 ALRMPTR0
ARPT7
ARPT6
ARPT5
ARPT4
ARPT3
ARPT2
ARPT1
ARPT0
0000
RTCVAL
0624
RTCC Value Register Window Based on RTCPTR<1:0>
xxxx
RCFGCAL
0626
RTCEN
—
RTCWREN RTCSYNC HALFSEC
RTCOE
RTCPTR1
RTCPTR0
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
(Note 1)
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
The status of the RCFGCAL register on POR is ‘0000’ and on other Resets is unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com