Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 57Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 58Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 59Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 60Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 61Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 62Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 63Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 64Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 408 page
background image
TABLE 4-21:
ADC REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ADC1BUF0
0300
ADC Data Buffer 0
xxxx
ADC1BUF1
0302
ADC Data Buffer 1
xxxx
ADC1BUF2
0304
ADC Data Buffer 2
xxxx
ADC1BUF3
0306
ADC Data Buffer 3
xxxx
ADC1BUF4
0308
ADC Data Buffer 4
xxxx
ADC1BUF5
030A
ADC Data Buffer 5
xxxx
ADC1BUF6
030C
ADC Data Buffer 6
xxxx
ADC1BUF7
030E
ADC Data Buffer 7
xxxx
ADC1BUF8
0310
ADC Data Buffer 8
xxxx
ADC1BUF9
0312
ADC Data Buffer 9
xxxx
ADC1BUFA
0314
ADC Data Buffer 10
xxxx
ADC1BUFB
0316
ADC Data Buffer 11
xxxx
ADC1BUFC
0318
ADC Data Buffer 12
xxxx
ADC1BUFD
031A
ADC Data Buffer 13
xxxx
ADC1BUFE
031C
ADC Data Buffer 14
xxxx
ADC1BUFF
031E
ADC Data Buffer 15
xxxx
ADC1BUF10
0340
ADC Data Buffer 16
xxxx
ADC1BUF11
0342
ADC Data Buffer 17
xxxx
ADC1BUF12
0344
ADC Data Buffer 18
xxxx
ADC1BUF13
0346
ADC Data Buffer 19
xxxx
ADC1BUF14
0348
ADC Data Buffer 20
xxxx
ADC1BUF15
034A
ADC Data Buffer21
xxxx
ADC1BUF16
034C
ADC Data Buffer 22
xxxx
ADC1BUF17
034E
ADC Data Buffer 23
xxxx
ADC1BUF18
0350
ADC Data Buffer 24
xxxx
ADC1BUF19
0352
ADC Data Buffer 25
xxxx
ADC1BUF1A
0354
ADC Data Buffer 26
xxxx
ADC1BUF1B
0356
ADC Data Buffer 27
xxxx
ADC1BUF1C
0358
ADC Data Buffer 28
xxxx
ADC1BUF1D
035A
ADC Data Buffer 29
xxxx
ADC1BUF1E
035C
ADC Data Buffer 30
xxxx
ADC1BUF1F
035E
ADC Data Buffer 31
xxxx
Legend:
— = unimplemented, read as ‘0’, r = reserved, maintain as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Unimplemented in 64-pin devices, read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com