Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 79Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 80Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 81Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 82Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 83Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 84Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 85Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 86Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 83
PIC24FJ256DA210 FAMILY
REGISTER 5-1:
NVMCON: FLASH MEMORY CONTROL REGISTER
R/S-0, HC(1)
R/W-0(1)
R-0, HSC(1)
U-0
U-0
U-0
U-0
U-0
WR
WREN
WRERR
—
—
—
—
—
bit 15
bit 8
U-0
R/W-0(1)
U-0
U-0
R/W-0(1)
R/W-0(1)
R/W-0(1)
R/W-0(1)
—ERASE
—
—NVMOP3(2)
NVMOP2(2)
NVMOP1(2)
NVMOP0(2)
bit 7
bit 0
Legend:
S = Settable bit
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
HC = Hardware Clearable bit
bit 15
WR: Write Control bit(1)
1
= Initiates a Flash memory program or erase operation; the operation is self-timed and the bit is
cleared by hardware once the operation is complete
0
= Program or erase operation is complete and inactive
bit 14
WREN: Write Enable bit(1)
1
= Enable Flash program/erase operations
0
= Inhibit Flash program/erase operations
bit 13
WRERR: Write Sequence Error Flag bit(1)
1
= An improper program or erase sequence attempt or termination has occurred (bit is set
automatically on any set attempt of the WR bit)
0
= The program or erase operation completed normally
bit 12-7
Unimplemented: Read as ‘0’
bit 6
ERASE: Erase/Program Enable bit(1)
1
= Perform the erase operation specified by NVMOP<3:0> on the next WR command
0
= Perform the program operation specified by NVMOP<3:0> on the next WR command
bit 5-4
Unimplemented: Read as ‘0’
bit 3-0
NVMOP<3:0>: NVM Operation Select bits(1,2)
1111
= Memory bulk erase operation (ERASE = 1) or no operation (ERASE = 0)(3)
0011
= Memory word program operation (ERASE = 0) or no operation (ERASE = 1)
0010
= Memory page erase operation (ERASE = 1) or no operation (ERASE = 0)
0001
= Memory row program operation (ERASE = 0) or no operation (ERASE = 1)
Note 1:
These bits can only be reset on POR.
2:
All other combinations of NVMOP<3:0> are unimplemented.
3:
Available in ICSP™ mode only; refer to the device programming specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com