Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 60Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 61Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 62Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 63Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 64Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 65Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 66Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 67Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 408 page
background image
U1EP10
04BE
—
—
—
—
—
—
—
—
—
—
—
EPCONDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0000
U1EP11
04C0
—
—
—
—
—
—
—
—
—
—
—
EPCONDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0000
U1EP12
04C2
—
—
—
—
—
—
—
—
—
—
—
EPCONDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0000
U1EP13
04C4
—
—
—
—
—
—
—
—
—
—
—
EPCONDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0000
U1EP14
04C6
—
—
—
—
—
—
—
—
—
—
—
EPCONDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0000
U1EP15
04C8
—
—
—
—
—
—
—
—
—
—
—
EPCONDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
0000
U1PWMRRS
04CC
USB Power Supply PWM Duty Cycle Register
USB Power Supply PWM Period Register
0000
U1PWMCON
04CE
PWMEN
—
—
—
—
—
PWMPOL CNTEN
—
—
—
—
—
—
—
—
0000
TABLE 4-23:
USB OTG REGISTER MAP (CONTINUED)
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Alternate register or bit definitions when the module is operating in Host mode.
2:
This register is available in Host mode only.
TABLE 4-24:
ANCFG REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ANCFG
04DE
—
—
—
—
—
—
—
—
—
—
—
—
—
VBG6EN
VBG2EN
VBGEN
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-25:
ANSEL REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets(2)
ANSA(1)
04E0
—
—
—
—
—
ANSA10(1)
ANSA9(1)
—
ANSA7(1) ANSA6(1)
—
—
—
—
—
—
06C0
ANSB
04E2
ANSB15
ANSB14
ANSB13
ANSB12
ANSB11
ANSB10
ANSB9
ANSB8
ANSB7
ANSB6
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
FFFF
ANSC
04E4
—
ANSC14
ANSC13
—
—
—
—
—
—
—
—ANSC4(1)
—
—
—
—
6010
ANSD
04E6
—
—
—
—
—
—
—
—
ANSD7
ANSD6
—
—
—
—
—
—
00C0
ANSE(1)
04E8
—
—
—
—
—
—ANSE9(1)
—
—
—
—
—
—
—
—
—
0200
ANSF
04EA
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—ANSF0
0001
ANSG
04EC
—
—
—
—
—
—
ANSG9
ANSG8
ANSG7
ANSG6
—
—
—
—
—
—
03C0
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Unimplemented in 64-pin devices, read as ‘0’.
2:
Reset values are valid for 100-pin devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com