Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 55Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 56Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 57Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 58Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 59Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 60Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 61Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 62Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 408 page
background image
TABLE 4-15:
PORTC REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4(1)
Bit 3(1)
Bit 2(1)
Bit 1(1)
Bit 0
All
Resets
TRISC
02D0
TRISC15
TRISC14
TRISC13
TRISC12
—
—
—
—
—
—
—
TRISC4
TRISC3
TRISC2
TRISC1
—
F01E
PORTC
02D2
RC15(2,3)
RC14
RC13
RC12(2)
—
—
—
—
—
—
—
RC4
RC3
RC2
RC1
—
xxxx
LATC
02D4
LATC15
LATC14
LATC13
LATC12
—
—
—
—
—
—
—
LATC4
LATC3
LATC2
LATC1
—
xxxx
ODCC
02D6
ODC15
ODC14
ODC13
ODC12
—
—
—
—
—
—
—
ODC4
ODC3
ODC2
ODC1
—
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Reset values shown are for 100-pin devices.
Note
1:
Bits are unimplemented in 64-pin devices; read as ‘0’.
2:
RC12 and RC15 are only available when the primary oscillator is disabled or when EC mode is selected (POSCMD<1:0> Configuration bits = 11 or 00); otherwise read as ‘0’.
3:
RC15 is only available when the POSCMD<1:0> Configuration bits = 11 or 00 and the OSCIOFN Configuration bit = 1.
TABLE 4-16:
PORTD REGISTER MAP
File
Name
Addr
Bit 15(1)
Bit 14(1)
Bit 13(1)
Bit 12(1)
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISD
02D8
TRISD15
TRISD14
TRISD13
TRISD12
TRISD11
TRISD10
TRISD9
TRISD8
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
FFFF
PORTD
02DA
RD15
RD14
RD13
RD12
RD11
RD10
RD9
RD8
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx
LATD
02DC
LATD15
LATD14
LATD13
LATD12
LATD11
LATD10
LATD9
LATD8
LATD7
LATD6
LATD5
LATD4
LATD3
LATD2
LATD1
LATD0
xxxx
ODCD
02DE
ODD15
ODD14
ODD13
ODD12
ODD11
ODD10
ODD9
ODD8
ODD7
ODD6
ODD5
ODD4
ODD3
ODD2
ODD1
ODD0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Reset values shown are for 100-pin devices.
Note 1:
Bits are unimplemented in 64-pin devices; read as ‘0’.
TABLE 4-17:
PORTE REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9(1)
Bit 8(1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISE
02E0
—
—
—
—
—
—
TRISE9
TRISE8
TRISE7
TRISE6
TRISE5
TRISE4
TRISE3
TRISE2
TRISE1
TRISE0
03FF
PORTE
02E2
—
—
—
—
—
—
RE9
RE8RE7
RE6RE5
RE4RE3
RE2RE1
RE0
xxxx
LATE
02E4
—
—
—
—
—
—
LATE9
LATE8
LATE7
LATE6
LATE5
LATE4
LATE3
LATE2
LATE1
LATE0
xxxx
ODCE
02E6
—
—
—
—
—
—
ODE9ODE8ODE7
ODE6ODE5ODE4ODE3ODE2
ODE1ODE0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Reset values shown are for 100-pin devices.
Note 1:
Bits are unimplemented in 64-pin devices; read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com