Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 56Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 57Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 58Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 59Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 60Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 61Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 62Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 63Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 408 page
background image
TABLE 4-18:
PORTF REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13(1)
Bit 12(1)
Bit 11
Bit 10
Bit 9
Bit 8(1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2(1)
Bit 1
Bit 0
All
Resets
TRISF
02E8
—
—TRISF13
TRISF12
—
—
—TRISF8
TRISF7
—
TRISF5
TRISF4
TRISF3
TRISF2
TRISF1
TRISF0
31BF
PORTF
02EA
—
—
RF13
RF12
—
—
—RF8
RF7
—
RF5
RF4RF3
RF2RF1
RF0
xxxx
LATF
02EC
—
—
LATF13
LATF12
—
—
—
LATF8
LATF7
—
LATF5
LATF4
LATF3
LATF2
LATF1
LATF0
xxxx
ODCF
02EE
—
—ODF13
ODF12
—
—
—
ODF8
ODF7
—
ODF5
ODF4
ODF3
ODF2
ODF1
ODF0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Reset values shown are for 100-pin devices.
Note
1:
Bits are unimplemented in 64-pin devices; read as ‘0’.
TABLE 4-19:
PORTG REGISTER MAP
File
Name
Addr
Bit 15(1)
Bit 14(1)
Bit 13(1)
Bit 12(1)
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1(1)
Bit 0(1)
All
Resets
TRISG
02F0
TRISG15
TRISG14
TRISG13
TRISG12
—
—
TRISG9
TRISG8
TRISG7
TRISG6
—
—
TRISG3
TRISG2
TRISG1
TRISG0
F3CF
PORTG
02F2
RG15
RG14
RG13
RG12
—
—
RG9
RG8
RG7
RG6
—
—
RG3
RG2
RG1
RG0
xxxx
LATG
02F4
LATG15
LATG14
LATG13
LATG12
—
—
LATG9
LATG8
LATG7
LATG6
—
—
LATG3
LATG2
LATG1
LATG0
xxxx
ODCG
02F6
ODG15
ODG14
ODG13
ODG12
—
—
ODG9
ODG8
ODG7
ODG6
—
—
ODG3
ODG2
ODG1
ODG0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Reset values shown are for 100-pin devices.
Note 1:
Bits are unimplemented in 64-pin devices; read as ‘0’.
TABLE 4-20:
PAD CONFIGURATION REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PADCFG1
02FC
—
—
—
—
—
—
—
—
—
—
—
—
—
—
RTSECSEL
PMPTTL(1)
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Bits are unimplemented in 64-pin devices; read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com