Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 38Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 39Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 40Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 41Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 42Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 43Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 44Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 45Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 408 page
background image
PIC24FJ256DA210 FAMILY
DS39969B-page 42
 2010 Microchip Technology Inc.
3.2
CPU Control Registers
REGISTER 3-1:
SR: ALU STATUS REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0, HSC
—
—
—
—
—
—
—DC
bit 15
bit 8
R/W-0, HSC(1) R/W-0, HSC(1) R/W-0, HSC(1) R-0, HSC R/W-0, HSC R/W-0, HSC R/W-0, HSC R/W-0, HSC
IPL2(2)
IPL1(2)
IPL0(2)
RA
N
OV
Z
C
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-9
Unimplemented: Read as ‘0’
bit 8
DC: ALU Half Carry/Borrow bit
1
= A carry out from the 4th low-order bit (for byte-sized data) or 8th low-order bit (for word-sized data)
of the result occurred
0
= No carry out from the 4th or 8th low-order bit of the result has occurred
bit 7-5
IPL<2:0>: CPU Interrupt Priority Level Status bits(1,2)
111
= CPU interrupt priority level is 7 (15); user interrupts are disabled
110
= CPU interrupt priority level is 6 (14)
101
= CPU interrupt priority level is 5 (13)
100
= CPU interrupt priority level is 4 (12)
011
= CPU interrupt priority level is 3 (11)
010
= CPU interrupt priority level is 2 (10)
001
= CPU interrupt priority level is 1 (9)
000
= CPU interrupt priority level is 0 (8)
bit 4
RA: REPEAT Loop Active bit
1
= REPEAT loop in progress
0
= REPEAT loop not in progress
bit 3
N: ALU Negative bit
1
= Result was negative
0
= Result was not negative (zero or positive)
bit 2
OV: ALU Overflow bit
1
= Overflow occurred for signed (2’s complement) arithmetic in this arithmetic operation
0
= No overflow has occurred
bit 1
Z: ALU Zero bit
1
= An operation, which affects the Z bit, has set it at some time in the past
0
= The most recent operation, which affects the Z bit, has cleared it (i.e., a non-zero result)
bit 0
C: ALU Carry/Borrow bit
1
= A carry out from the Most Significant bit of the result occurred
0
= No carry out from the Most Significant bit of the result occurred
Note 1:
The IPL Status bits are read-only when NSTDIS (INTCON1<15>) = 1.
2:
The IPL Status bits are concatenated with the IPL3 (CORCON<3>) bit to form the CPU Interrupt Priority
Level (IPL). The value in parentheses indicates the IPL when IPL3 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com