Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 19Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 20Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 21Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 22Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 23Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 24Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 25Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 26Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 23
PIC24FJ256DA210 FAMILY
CN40
—
92
B5
I
ST
Interrupt-on-Change Inputs.
CN41
—
28
L2
I
ST
CN42
—
29
K3
I
ST
CN43
—
66
E11
I
ST
CN44
—
67
E8
I
ST
CN45
—
6
D1
I
ST
CN46
—
7
E4
I
ST
CN47
—
8
E2
I
ST
CN48
—
9
E1
I
ST
CN49
46
72
D9
I
ST
CN50
49
76
A11
I
ST
CN51
50
77
A10
I
ST
CN52
51
78
B9
I
ST
CN53
42
68
E9
I
ST
CN54
43
69
E10
I
ST
CN55
44
70
D11
I
ST
CN56
45
71
C11
I
ST
CN57
—
79
A9
I
ST
CN58
60
93
A4
I
ST
CN59
61
94
B4
I
ST
CN60
62
98
B3
I
ST
CN61
63
99
A2
I
ST
CN62
64
100
A1
I
ST
CN63
1
3
D3
I
ST
CN64
2
4
C1
I
ST
CN65
3
5
D2
I
ST
CN66
—
18
G1
I
ST
CN67
—
19
G2
I
ST
CN68
58
87
B6
I
ST
CN69
59
88
A6
I
ST
CN70
—
52
K11
I
ST
CN71
33
51
K10
I
ST
CN73
—
54
H8
I
ST
CN74
—
53
J10
I
ST
CN75
—
40
K6
I
ST
CN76
—
39
L6
I
ST
CN77
—
90
A5
I
ST
CN78
—
89
E6
I
ST
CN79
—
96
C3
I
ST
CN80
—
97
A3
I
ST
TABLE 1-3:
PIC24FJ256DA210 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
64-Pin
TQFP/QFN
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer
Note 1:
The alternate EPMP pins are selected when the ALTPMP (CW3<12>) bit is programmed to ‘0’.
2:
The PMSC2 signal will replace the PMA15 signal on the 15-pin PMA when CSF<1:0> = 01 or 10.
3:
The PMCS1 signal will replace the PMA14 signal on the 14-pin PMA when CSF<1:0> = 10.
4:
The alternate VREF pins selected when the ALTVREF (CW1<5>) bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com