Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 31Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 32Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 33Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 34Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 35Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 36Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 37Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 38Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 35
PIC24FJ256DA210 FAMILY
2.4
Voltage Regulator Pins
(ENVREG/DISVREG and
VCAP/VDDCORE)
The on-chip voltage regulator enable/disable pin
(ENVREG or DISVREG, depending on the device
family) must always be connected directly to either a
supply voltage or to ground. The particular connection
is determined by whether or not the regulator is to be
used:
• For ENVREG, tie to VDD to enable the regulator,
or to ground to disable the regulator
• For DISVREG, tie to ground to enable the
regulator or to VDD to disable the regulator
Refer to Section 27.2 “On-Chip Voltage Regulator”
for details on connecting and using the on-chip
regulator.
When the regulator is enabled, a low-ESR (<5Ω)
capacitor is required on the VCAP/VDDCORE pin to
stabilize the voltage regulator output voltage. The
VCAP/VDDCORE pin must not be connected to VDD, and
must use a capacitor of 10
F connected to ground. The
type can be ceramic or tantalum. A suitable example is
the Murata GRM21BF50J106ZE01 (10
F, 6.3V) or
equivalent. Designers may use Figure 2-3 to evaluate
ESR equivalence of candidate devices.
The placement of this capacitor should be close to
VCAP/VDDCORE. It is recommended that the trace
length not exceed 0.25 inch (6 mm). Refer to
Section 30.0
“Electrical
Characteristics”
for
additional information.
When the regulator is disabled, the VCAP/VDDCORE pin
must be tied to a voltage supply at the VDDCORE level.
Refer to Section 30.0 “Electrical Characteristics” for
information on VDD and VDDCORE.
FIGURE 2-3:
FREQUENCY vs. ESR
PERFORMANCE FOR
SUGGESTED VCAP
2.5
ICSP Pins
The PGECx and PGEDx pins are used for In-Circuit
Serial Programming (ICSP) and debugging purposes.
It is recommended to keep the trace length between
the ICSP connector and the ICSP pins on the device as
short as possible. If the ICSP connector is expected to
experience an ESD event, a series resistor is recom-
mended, with the value in the range of a few tens of
ohms, not to exceed 100Ω.
Pull-up resistors, series diodes and capacitors on the
PGECx and PGEDx pins are not recommended as they
will interfere with the programmer/debugger communi-
cations to the device. If such discrete components are
an application requirement, they should be removed
from the circuit during programming and debugging.
Alternatively, refer to the AC/DC characteristics and
timing requirements information in the respective
device Flash programming specification for information
on capacitive loading limits and pin input voltage high
(VIH) and input low (VIL) requirements.
For device emulation, ensure that the “Communication
Channel Select” (i.e., PGECx/PGEDx pins) programmed
into the device matches the physical connections for the
ICSP to the Microchip debugger/emulator tool.
For
more
information
on
available
Microchip
development tools connection requirements, refer to
Section 28.0 “Development Support”.
Note:
This section applies only to PIC24FJ
devices with an on-chip voltage regulator.
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
1000 10,000
Frequency (MHz)
Note:
Data for Murata GRM21BF50J106ZE01 shown.
Measurements at 25°C, 0V DC bias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com