Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 65Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 66Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 67Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 68Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 69Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 70Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 71Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 72Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 408 page
background image
TABLE 4-31:
GRAPHICS REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
G1CMDL
0700
Graphics Command Register<15:0>
0000
G1CMDH
0702
Graphics Command Register<31:16>
0000
G1CON1
0704
G1EN
—
G1SIDL
GCMDWMK4 GCMDWMK3 GCMDWMK2 GCMDWMK1 GCMDWMK0
PUBPP2
PUBPP1
PUBPP0
GCMDCNT4 GCMDCNT3 GCMDCNT2 GCMDCNT1 GCMDCNT0
0000
G1STAT
0706
PUBUSY
—
—
—
—
—
—
—
IPUBUSY
RCCBUSY CHRBUSY
VMRGN
HMRGN
CMDLV
CMDFUL
CMDMPT
0000
G1IE
0708
PUIE
—
—
—
—
—
—
—
IPUIE
RCCIE
CHRIE
VMRGNIE
HMRGNIE
CMDLVIE
CMDFULIE CMDMPTIE
0000
G1IR
070A
PUIF
—
—
—
—
—
—
—
IPUIF
RCCIF
CHRIF
VMRGNIF
HMRGNIF
CMDLVIF
CMDFULIF CMDMPTIF
0000
G1W1ADRL
070C
GPU Work Area 1 Start Address Register<15:0>
0000
G1W1ADRH
070E
—
—
—
—
—
—
—
—
GPU Work Area 1 Start Address Register<23:16>
0000
G1W2ADRL
0710
GPU Work Area 2 Start Address Register<15:0>
0000
G1W2ADRH
0712
—
—
—
—
—
—
—
—
GPU Work Area 2 Start Address Register<23:16>
0000
G1PUW
0714
—
—
—
—
—
GPU Work Area Width Register
0000
G1PUH
0716
—
—
—
—
—
GPU Work Area Height Register
0000
G1DPADRL
0718
Display Buffer Start Address Register<15:0>
0000
G1DPADRH
071A
—
—
—
—
—
—
—
—
Display Buffer Start Address Register<23:16>
0000
G1DPW
071C
—
—
—
—
—
Display Frame Width Register
0000
G1DPH
071E
—
—
—
—
—
Display Frame Height Register
0000
G1DPWT
0720
—
—
—
—
—
Display Total Width Register
0000
G1DPHT
0722
—
—
—
—
—
Display Total Height Register
0000
G1CON2
0724
DPGWDTH1 DPGWDTH0 DPSTGER1 DPSTGER0
—
—
DPTEST1
DPTEST0
DPBPP2
DPBPP1
DPBPP0
—
—
DPMODE2
DPMODE1 DPMODE0
0000
G1CON3
0726
—
—
—
—
—
—
DPPINOE
DPPOWER DPCLKPOL DPENPOL DPVSPOL DPHSPOL DPPWROE
DPENOE
DPVSOE
DPHSOE
0000
G1ACTDA
0728
Number of Lines Before the First Active Line Register
Number of Pixels Before the First Active PIxel Register
0000
G1HSYNC
072A
HSYNC Pulse-Width Configuration Register
HSYNC Start Delay Configuration Register
0000
G1VSYNC
072C
VSYNC Pulse-Width Configuration Register
VSYNC Start Delay Configuration Register
0000
G1DBLCON
072E
Vertical Blanking Start to First Displayed Line Configuration Regsiter
Horizontal Blanking Start to First Displayed Line Configuration Regsiter
0000
G1CLUT
0730
CLUTEN
CLUTBUSY
—
—
—
—
CLUTTRD
CLUTRWEN
Color Look-Up Table Memory Address Register
0000
G1CLUTWR
0732
Color Look-up Table Memory Write Data Register
0000
G1CLUTRD
0734
Color Look-up Table Memory Read Data Register
0000
G1MRGN
0736
Vertical Blanking Advance Register
Horizontal Blanking Advance Register
0000
G1CHRX
0738
—
—
—
—
—
Current Character X-Coordinate Position Register
0000
G1CHRY
073A
—
—
—
—
—
Current Character Y-Coordinate Position Register
0000
G1IPU
073C
—
—
—
—
—
—
—
—
—
—
HUFFERR BLCKERR
LENERR
WRAPERR
IPUDONE
BFINAL
0000
G1DBEN
073E
GDBEN15
GDBEN14
GDBEN13
GDBEN12
GDBEN11
GDBEN10
GDBEN9
GDBEN8
GDBEN7
GDBEN6
GDBEN5
GDBEN4
GDBEN3
GDBEN2
GDBEN1
GDBEN0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com