Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 42Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 43Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 44Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 45Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 46Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 47Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 48Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 49Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 408 page
background image
PIC24FJ256DA210 FAMILY
DS39969B-page 46
 2010 Microchip Technology Inc.
4.1.1
PROGRAM MEMORY
ORGANIZATION
The program memory space is organized in
word-addressable blocks. Although it is treated as
24 bits wide, it is more appropriate to think of each
address of the program memory as a lower and upper
word, with the upper byte of the upper word being
unimplemented. The lower word always has an even
address, while the upper word has an odd address
(Figure 4-2).
Program memory addresses are always word-aligned
on the lower word and addresses are incremented or
decremented by two during code execution. This
arrangement also provides compatibility with data
memory space addressing and makes it possible to
access data in the program memory space.
4.1.2
HARD MEMORY VECTORS
All PIC24F devices reserve the addresses between
0x00000 and 0x000200 for hard coded program execu-
tion vectors. A hardware Reset vector is provided to
redirect code execution from the default value of the
PC on device Reset to the actual start of code. A GOTO
instruction is programmed by the user at 0x000000 with
the actual address for the start of code at 0x000002.
PIC24F devices also have two interrupt vector tables,
located from 0x000004 to 0x0000FF and 0x000100 to
0x0001FF. These vector tables allow each of the many
device interrupt sources to be handled by separate
ISRs. A more detailed discussion of the interrupt vector
tables is provided in Section 7.1 “Interrupt Vector
Table”.
4.1.3
FLASH CONFIGURATION WORDS
In PIC24FJ256DA210 family devices, the top four
words of on-chip program memory are reserved for
configuration information. On device Reset, the config-
uration information is copied into the appropriate
Configuration register. The addresses of the Flash
Configuration
Word
for
devices
in
the
PIC24FJ256DA210 family are shown in Table 4-1.
Their location in the memory map is shown with the
other memory vectors in Figure 4-1.
The Configuration Words in program memory are a
compact format. The actual Configuration bits are
mapped in several different registers in the configuration
memory space. Their order in the Flash Configuration
Words does not reflect a corresponding arrangement in
the configuration space. Additional details on the device
Configuration Words are provided in Section 27.1
“Configuration Bits”.
TABLE 4-1:
FLASH CONFIGURATION
WORDS FOR
PIC24FJ256DA210 FAMILY
DEVICES
FIGURE 4-2:
PROGRAM MEMORY ORGANIZATION
Device
Program
Memory
(Words)
Configuration
Word Addresses
PIC24FJ128DAXXX
44,032
0x0157F8:0x0157FE
PIC24FJ256DAXXX
87,552
0x02ABF8:0x02ABFE
0
8
16
PC Address
0x000000
0x000002
0x000004
0x000006
23
00000000
00000000
00000000
00000000
Program Memory
‘Phantom’ Byte
(read as ‘0’)
least significant word
most significant word
Instruction Width
0x000001
0x000003
0x000005
0x000007
msw
Address
(lsw Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com