Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 70Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 71Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 72Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 73Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 74Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 75Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 76Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 77Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 408 page
background image
PIC24FJ256DA210 FAMILY
DS39969B-page 74
 2010 Microchip Technology Inc.
The page registers (DSRPAG/DSWPAG) do not
update automatically while crossing a page boundary,
when the rollover happens from 0xFFFF to 0x8000.
While developing code in assembly, care must be taken
to update the page registers when an Address Pointer
crosses the page boundary. The ‘C’ compiler keeps
track of the addressing, and increments or decrements
the page registers accordingly while accessing
contiguous data memory locations.
TABLE 4-35:
EDS MEMORY ADDRESS WITH DIFFERENT PAGES AND ADDRESSES
Note 1: All write operations to EDS are executed
in a single cycle.
2: Use of Read/Modify/Write operation on
any EDS location under a REPEAT
instruction is not supported. For example,
BCLR, BSW, BTG, RLC f, RLNC f,
RRC
f,
RRNC
f,
ADD
f,
SUB
f,
SUBR
f,
AND
f,
IOR
f,
XOR
f,
ASR f, ASL f
.
3: Use
the
DSRPAG
register
while
performing Read/Modify/Write operation.
DSRPAG
(Data Space Read Register)
DSWPAG
(Data Space Write
Register)
Source/Destination
Address while
Indirect Addressing
24-Bit EA
Pointing to
EDS
Comment
x(1)
x(1)
0x0000 to 0x1FFF
0x000000 to
0x001FFF
Near data
space(2)
0x2000 to 0x7FFF
0x002000 to
0x007FFF
0x001
0x001
0x8000 to 0xFFFF
0x008000 to
0x00FFFE
32 Kbytes on
each page
0x002
0x002
0x010000 to
0x017FFE
0x003
0x003
0x018000 to
0x0187FE
Only 2 Kbytes
of extended
SRAM on this
page
0x004
0x004
0x018800 to
0x027FFE
EPMP
memory
space(4)
•
•
•
•
•
•
•
•
•
0x1FF
0x1FF
0xFF8000 to
0xFFFFFE
0x000
0x000
Invalid Address Address error
trap(3)
Note 1:
If the source/destination address is below 0x8000, the DSRPAG and DSWPAG registers are not considered.
2:
This data space can also be accessed by Direct Addressing.
3:
When the source/destination address is above 0x8000 and DSRPAG/DSWPAG is ‘0’, an address error
trap will occur.
4:
EPMP memory space can start from location, 0x008000, in the parts with 24 Kbytes of data memory
(PIC24FJXXXDA1XX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com