Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 33Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 34Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 35Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 36Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 37Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 38Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 39Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 40Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 37
PIC24FJ256DA210 FAMILY
2.7
Configuration of Analog and
Digital Pins During ICSP
Operations
If an ICSP compliant emulator is selected as a debug-
ger, it automatically initializes all of the A/D input pins
(ANx) as “digital” pins. Depending on the particular
device, this is done by setting all bits in the ADnPCFG
register(s), or clearing all bit in the ANSx registers.
All PIC24F devices will have either one or more
ADnPCFG registers or several ANSx registers (one for
each port); no device will have both. Refer to
(Section 23.0 “10-Bit High-Speed A/D Converter”)
for more specific information.
The bits in these registers that correspond to the A/D
pins that initialized the emulator must not be changed
by
the
user
application
firmware;
otherwise,
communication errors will result between the debugger
and the device.
If your application needs to use certain A/D pins as
analog input pins during the debug session, the user
application must modify the appropriate bits during
initialization of the ADC module, as follows:
• For devices with an ADnPCFG register, clear the
bits corresponding to the pin(s) to be configured
as analog. Do not change any other bits, particu-
larly those corresponding to the PGECx/PGEDx
pair, at any time.
• For devices with ANSx registers, set the bits
corresponding to the pin(s) to be configured as
analog. Do not change any other bits, particularly
those corresponding to the PGECx/PGEDx pair,
at any time.
When a Microchip debugger/emulator is used as a
programmer, the user application firmware must
correctly configure the ADnPCFG or ANSx registers.
Automatic initialization of this register is only done
during debugger operation. Failure to correctly
configure the register(s) will result in all A/D pins being
recognized as analog input pins, resulting in the port
value being read as a logic '0', which may affect user
application functionality.
2.8
Unused I/Os
Unused I/O pins should be configured as outputs and
driven to a logic low state. Alternatively, connect a 1 kΩ
to 10 kΩ resistor to VSS on unused pins and drive the
output to logic low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com