Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256DA206 Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC24FJ256DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 12Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 13Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 14Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 15Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 16Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 17Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 18Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 19Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 408 page
background image
PIC24FJ256DA210 FAMILY
DS39969B-page 16
 2010 Microchip Technology Inc.
1.2
Graphics Controller
With the PIC24FJ256DA210 family of devices,
Microchip introduces the Graphics Controller module,
which acts as an interface between the CPU (mainly
through SFRs) and a display. On-board RAM is pro-
vided for display buffer, scratch areas, images and
fonts. In some cases, the RAM requirements for the
display used exceeds the on-board RAM; external
memory connected through EPMP can be used.
This module provides acceleration for drawing points,
vertical and horizontal lines, rectangles, copying rect-
angles between different locations on screen, drawing
text and decompressing compressed data.
1.3
USB On-The-Go
The USB On-The-Go (USB OTG) module provides
on-chip functionality as a target device compatible with
the USB 2.0 standard, as well as limited stand-alone
functionality as a USB embedded host. By implement-
ing USB Host Negotiation Protocol (HNP), the module
can also dynamically switch between device and host
operation, allowing for a much wider range of versatile
USB enabled applications on a microcontroller
platform.
In
addition
to
USB
host
functionality,
PIC24FJ256DA210 family devices provide a true
single chip USB solution, including an on-chip
transceiver and voltage regulator, and a voltage boost
generator for sourcing bus power during host
operations.
1.4
Other Special Features
• Peripheral Pin Select: The Peripheral Pin Select
(PPS) feature allows most digital peripherals to be
mapped over a fixed set of digital I/O pins. Users
may independently map the input and/or output of
any one of the many digital peripherals to any one
of the I/O pins.
• Communications: The PIC24FJ256DA210 family
incorporates a range of serial communication
peripherals to handle a range of application
requirements. There are three independent I2C™
modules that support both Master and Slave
modes of operation. Devices also have, through
the PPS feature, four independent UARTs with
built-in IrDA® encoders/decoders and three SPI
modules.
• Analog Features: All members of the
PIC24FJ256DA210 family include a 10-bit A/D
Converter (ADC) module and a triple comparator
module. The ADC module incorporates program-
mable acquisition time, allowing for a channel to
be selected and a conversion to be initiated
without waiting for a sampling period, and faster
sampling speeds. The comparator module
includes three analog comparators that are
configurable for a wide range of operations.
• CTMU Interface: In addition to their other analog
features, members of the PIC24FJ256DA210
family include the CTMU interface module. This
provides a convenient method for precision time
measurement and pulse generation, and can
serve as an interface for capacitive sensors.
• Enhanced Parallel Master/Parallel Slave Port:
There are general purpose I/O ports, which can
be configured for parallel data communications. In
this mode, the device can be master or slave on
the communication bus. 4-bit, 8-bit and 16-bit data
transfers, with up to 23 external address lines are
supported in Master modes.
• Real-Time Clock and Calendar: (RTCC) This
module implements a full-featured clock and
calendar with alarm functions in hardware, freeing
up timer resources and program memory space
for use of the core application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com